Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 92 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 92 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 88Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 89Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 90Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 91Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 92Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 93Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 94Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 95Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 141 page
background image
Data Sheet
ADMV1455
REGISTER SUMMARY
analog.com
Rev. 0 | 92 of 141
Table 27. ADMV1455 Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Access
0xAA0
REG0AA0
[7:0]
RF_
BAND_
SELECT_
LUT_B_0
IF_SUBBAND_LUT_B_0
LO_X1_FILTER_LUT_B_0
0x00
R/W
0xAA1
REG0AA1
[7:0]
LO_SIDE-
BAND_
LUT_B_0
RF_SUBBAND_
LUT_B_0
LO_X3_FILTER_LUT_B_0
0x00
R/W
0xAA2
REG0AA2
[7:0]
LPF_VALUE_LUT_B_0
LO_X4_FILTER_LUT_B_0
0x00
R/W
0xAA3
REG0AA3
[7:0]
LO_TRAP_FILTER_LUT_B_0[7:0]
0x00
R/W
0xAA4
REG0AA4
[7:0]
HPF_VALUE_LUT_B_0
BPF_COARSE_
LUT_B_0
LO_TRAP_FILTER_
LUT_B_0[9:8]
0x00
R/W
0xAA5
REG0AA5
[7:0]
RESERVED
GPO_F_LUT_B_0
0x00
R/W
0xAA6
REG0AA6
[7:0]
RESERVED
DSA2_OFFSET_
LUT_B_0
DSA1_OFFSET_LUT_B_0
0x00
R/W
0xAA7
REG0AA7
[7:0]
DSA4_OFFSET_LUT_B_0
DSA3_OFFSET_LUT_B_0
0x00
R/W
0xAA8
REG0AA8
[7:0]
RESERVED
DSA5_OFFSET_LUT_B_0
0x00
R/W
0xAA9
REG0AA9
[7:0]
RESERVED
LO_PHASE_Q_LUT_B_0
0x00
R/W
0xAAA
REG0AAA
[7:0]
RESERVED
LO_
BAND_
LUT_B_0
LO_PHASE_I_LUT_B_0
0x00
R/W
0xAAB
REG0AAB
[7:0]
DSAQ_0P1DB_LUT_B_0
DSAI_0P1DB_LUT_B_0
0x00
R/W
0xAAC
REG0AAC
[7:0]
LO_DOUBLER_BAND_LUT_B_0
0x00
R/W
…
…
…
…
…
…
0xC33
REG0C33
[7:0]
RF_
BAND_
SELECT_
LUT_B_31
IF_SUBBAND_
LUT_B_31
LO_X1_FILTER_LUT_B_31
0x00
R/W
0xC34
REG0C34
[7:0]
LO_SIDE-
BAND_
LUT_B_31
RF_SUBBAND_
LUT_B_31
LO_X3_FILTER_LUT_B_31
0x00
R/W
0xC35
REG0C35
[7:0]
LPF_VALUE_LUT_B_31
LO_X4_FILTER_LUT_B_31
0x00
R/W
0xC36
REG0C36
[7:0]
LO_TRAP_FILTER_LUT_B_31[7:0]
0x00
R/W
0xC37
REG0C37
[7:0]
HPF_VALUE_LUT_B_31
BPF_COARSE_
LUT_B_31
LO_TRAP_FILTER_
LUT_B_31[9:8]
0x00
R/W
0xC38
REG0C38
[7:0]
RESERVED
GPO_F_LUT_B_31
0x00
R/W
0xC39
REG0C39
[7:0]
RESERVED
DSA2_OFFSET_
LUT_B_31
DSA1_OFFSET_LUT_B_31
0x00
R/W
0xC3A
REG0C3A
[7:0]
DSA4_OFFSET_LUT_B_31
DSA3_OFFSET_LUT_B_31
0x00
R/W
0xC3B
REG0C3B
[7:0]
RESERVED
DSA5_OFFSET_LUT_B_31
0x00
R/W
0xC3C
REG0C3C
[7:0]
RESERVED
LO_PHASE_Q_LUT_B_31
0x00
R/W
0xC3D
REG0C3D
[7:0]
RESERVED
LO_
BAND_
LUT_B_31
LO_PHASE_I_LUT_B_31
0x00
R/W
0xC3E
REG0C3E
[7:0]
DSAQ_0P1DB_LUT_B_31
DSAI_0P1DB_LUT_B_31
0x00
R/W
0xC3F
REG0C3F
[7:0]
LO_DOUBLER_BAND_LUT_B_31
0x00
R/W
0xE00
REG0E00
[7:0]
RESERVED
RF_
DSA2_
GAIN_
LUT_0
RF_DSA1_GAIN_LUT_0
0x00
R/W
0xE01
REG0E01
[7:0]
IF_DSA4_GAIN_LUT_0
RF_DSA3_GAIN_LUT_0
0x00
R/W
0xE02
REG0E02
[7:0]
RESERVED
IF_DSA5_GAIN_LUT_0
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com