Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADMV1455BBCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 141 page
background image
Data Sheet
ADMV1455
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 141
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC INPUTS
Input High Voltage (VINH)
1.2
1.8
V
Input Low Voltage (VINL)
0
0.63
V
High and Low Input Current (IINH/IINL)
7
µA
Input Capacitance (CIN)
0.4
pF
LOGIC OUTPUTS
Output High Voltage (VOH)
Output high current (IOH) = 8mA
1.35
V
Output Low Voltage (VOL)
Output low current (IOL) = 8mA
0.45
V
Minimum Hysteresis Window
160
mV
POWER SUPPLIES
DVDD
1.6
1.8
2
V
VDD_LNA
1.6
1.8
2
V
VDD_RF
1.6
1.8
2
V
VDD_MIX
1.6
1.8
2
V
VDD_LO
1.6
1.8
2
V
VDD_IF
1.6
1.8
2
V
VDD_BG
1.6
1.8
2
V
VDD_IF_2
1.6
1.8
2
V
VDD_BB
1.6
1.8 or 2.5
2.75
V
Supply Current
IF Mode
1.8V Supplies
CEN high and RF Band 0
570
mA
CEN high and RF Band 1
550
mA
CEN low
65
mA
Baseband Mode
1.8V Supplies
CEN high and RF Band 0
465
mA
2.5V Supply
125
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com