Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 85 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 81Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 82Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 83Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 84Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 85Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 86Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 87Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 88Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 141 page
background image
Data Sheet
ADMV1455
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 85 of 141
RECOMMENDED SETTINGS
For wideband operation or to begin evaluating the ADMV1455, refer
to Table 26 for the recommended settings. These recommended
settings can be considered the minimum requirements for configur-
ing the ADMV1455. Additional features can be configured, and all
settings can be tailored for a particular end application. Refer to the
Theory of Operation for more details.
Table 26. Recommended Settings
Register
IF Mode
I/Q Baseband Mode
Notes
RF Low Band
RF High Band
RF Low Band
RF High Band
0x000
0x18
0x18
0x18
0x18
Enables the SDO output.
0x104
0x00
0x00
0xB6
0xB6
Configures the power downs.
0x105
0x00
0x00
0x01
0x01
Configures the power downs.
0x107
0xAF
0xAF
0xA0
0xA0
Configures the power downs.
0x108
0x03
0x03
0x03
0x03
Automatic overload protection for the RF input LNA with latch.
0x172
0x00
0x00
0x00
0x00
RF input LNA threshold.
0x173
0x00
0x00
0x00
0x00
DSA1 threshold.
0x17D
0x01
0x01
0x00
0x00
Configures mixer mode.
0x184
0x01
0x01
0x00
0x00
Configures mixer mode.
0x188
0x0E
0x0E
Don't care
Don't care
Configures the IF BPF.
0x202
0x00
0x00
0x00
0x00
Disables the filter LUT.
0x285
0x00
0x00
0x00
0x00
Disables the gain LUT.
0x2A2
0x12
0x12
0x12
0x12
Configures the IF BPF.
0x600
0x00
0x00
0x00
0x00
Configure the maximum gain.
0x601
0x00
0x00
0x00
0x00
Configures the maximum gain.
0x602
0x00
0x00
Don't care
Don't care
Configure the maximum gain.
0x800
0x1F
0x9F
0x1F
0x9F
Configures the bands and filters.
0x801
0x80
0x60
0x80
0x60
Configures the bands and filters.
0x802
0x05
0x05
0x05
0x05
Configures the filters.
0x803
0xA7
0xA7
0xA7
0xA7
Configures the filters.
0x804
0xF1
0xF1
0xF1
0xF1
Configures the filters.
0x809
0x0F
0x0F
0x0F
0x0F
Configures the LO phase.
0x80A
0x2F
0x2F
0x2F
0x2F
Configures the LO band and LO phase.
0x80C
0x80
0x80
0x80
0x80
Configures the filters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com