Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 71 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 67Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 68Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 69Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 70Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 71Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 72Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 73Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 74Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 141 page
background image
Data Sheet
ADMV1455
THEORY OF OPERATION
analog.com
Rev. 0 | 71 of 141
Digital Diagrams
Figure 171. Filter Diagram
Figure 172. Gain Diagram
SYNCHRONOUS LOAD FEATURE
The ADMV1455 includes a synchronous load feature that allows
the filter settings and gain settings to be applied at specific trigger
rising edge events on the LOAD ball. See Figure 168 for the LOAD
feature timing. To enable the load feature for the filter settings,
set Register 0x208 to 1. To enable the load feature for the gain
settings, set Register 0x281 to 1.
FILTER LUT
The digital logic contains a filter LUT that can be used to determine
the state of the LO tunable filters, RF tunable filters, and GPO_F
logic outputs. This LUT can be beneficial for fast frequency hopping
applications, where it may be necessary to quickly change chip
configuration states.
To use the LUT, set Register 0x202 to 1 and setup the LUT from
Register 0x900 to Register 0xC3F.
The LUT contains two pages that have 32 indices each, or 64 total.
To select Page A, set Register 0x207 to 0. To select Page B, set
Register 0x207 to 1.
There are three potential sources for the LUT index (pointer), as
determined by Register 0x203. The pointer can be set by using the
parallel logic input ADD_F balls, by using Register 0x209, or by
using the internal state machine. Set Register 0x203 to 0 to use
ADD_F balls as the pointer, set Register 0x203 to 1 to use Register
0x209 as the pointer, and Register 0x203 set to 2 to use the internal
state machine.
Regardless of the LUT pointer source, use Register 0x240 to read
back the pointer value.
The LUT output values can be read from Register 0x211 to Register
0x21D. The values in these registers represent the filter values prior
to the mux controlled by Register 0x202 and the LOAD feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com