Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 65 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 61Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 62Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 63Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 64Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 65Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 66Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 67Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 68Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 141 page
background image
Data Sheet
ADMV1455
THEORY OF OPERATION
analog.com
Rev. 0 | 65 of 141
CHIP OVERVIEW
The ADMV1455 is a highly integrated microwave downconverter
designed for wideband radio systems operating across a broad RF
frequency range of 17.7GHz to 55GHz. The device supports IF
outputs up to 12GHz, enabling seamless integration with modern
high-speed data converters and extending their effective frequency
coverage well into the millimeter-wave spectrum.
The chip incorporates a fully configurable architecture that includes
an I/Q mixer, a LO signal chain, two RF signal chains, an IF signal
chain, and baseband I/Q amplifiers, all of which are configurable
via a simple SPI. This level of integration minimizes the external
component count while offering maximum design flexibility.
With its compact 6mm × 6.5mm footprint, wideband capability, and
configurable signal chains, the ADMV1455 is ideally suited for next
generation, high data rate systems requiring low size, weight, and
power (SWaP) without compromising on system performance.
POWER-UP AND INITIALIZATION SEQUENCE
To power up and initialize the ADMV1455, take the following steps
and refer to the Timing Diagrams Overview section and Figure 167
for more information:
1. Ensure that all digital logic inputs are logic level low.
2. Power on all supply voltages simultaneously, with a rise time of
1ms or longer.
3. Once the supplies are stable, set RST to logic level high.
4. Program the NVM load instructions.
5. Program the necessary registers for the intended chip opera-
tion.
6. Set CEN to logic level high.
POWER-DOWN SEQUENCE
There are two possible power-down options available for the
ADMV1455. One power-down option removes all power from the
chip, and the other power-down option disables the chip, causing it
to enter a low power mode.
Full Power-Down
To fully power down the chip in an ordered fashion, take the
following steps and refer to Figure 170 for more information:
1. Set CEN to logic level low.
2. Set all other logic inputs to logic level low.
3. Power off all supply voltages.
Chip Disable with CEN
To disable the chip and enter low power mode while the supply
voltages are still powered on, bring CEN to logic level low. Bringing
CEN to logic level low causes the chip to power off most of the RF
circuits within the chip. Refer to Figure 169 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com