Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 35Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 36Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 37Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 38Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 141 page
background image
Data Sheet
ADMV1455
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 35 of 141
IF MODE, RF_IN, LOW BAND
All measurements use RF_IN as an input and IF as an output, with the RF low-band settings. The supply voltage = 1.8V (all supplies) and TC =
25°C, unless otherwise noted.
All measurements taken with PRF = −55dBm, PLO = −5dBm, fRF = 29GHz, fIF = 8GHz, fLO = 37GHz (lower sideband), maximum gain, RF
LPF setting = 0x00 (highest cutoff), LO tunable filter wideband high settings, and IF BPF settings = 8GHz, unless otherwise noted. Trace and
connector losses are de-embeded to the RF pins (see the RF and IF input and output pins in Figure 3).
Conversion Gain
Figure 74. Conversion Gain vs. RF Input Frequency at Various Temperatures
Figure 75. Conversion Gain vs. RF Input Frequency at Various Temperatures,
Minimum Gain
Figure 76. Conversion Gain vs. RF Input Frequency at Various LO Powers
Figure 77. Conversion Gain vs. RF Input Frequency at Various Supply
Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com