Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 38Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 39Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 40Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 41Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 42Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 43Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 44Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 45Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 141 page
background image
Data Sheet
ADMV1455
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 42 of 141
IF MODE, DSA_IN, LOW BAND
All measurements use DSA_IN as an input and IF as an output, with the RF low-band settings. DSA_OUT is connected to RF_IN on-board with
a short 50Ω trace. Supply voltage = 1.8V (all supplies), and TC = 25°C, unless otherwise noted.
All measurements taken with PRF = −55dBm, PLO = −5dBm, fRF = 29GHz, fIF = 8GHz, fLO = 37GHz (lower sideband), maximum gain, RF
LPF setting = 0x00 (highest cutoff), LO tunable filter wideband high settings, and IF BPF settings = 8GHz, unless otherwise noted. Trace and
connector losses are de-embeded to the RF pins (see the RF and IF input and output pins in Figure 3).
Conversion Gain
Figure 98. Conversion Gain vs. RF Input Frequency at Various Temperatures
Figure 99. Conversion Gain vs. RF Input Frequency at Various Temperatures,
Minimum Gain
Figure 100. Conversion Gain vs. RF Input Frequency at Various Supply
Voltages
Figure 101. Conversion Gain vs. DSA1 Settings at Various Temperatures,
Single fRF = 29GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com