Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 141 page
background image
Data Sheet
ADMV1455
SPECIFICATIONS
analog.com
Rev. 0 | 6 of 141
IF MODE
RF_IN Input, High Band
TC = 25°C, all supply voltages = 1.8V, RF power (PRF) = −45dBm, LO power (PLO) = −5dBm, fRF = 49GHz, IF frequency (fIF) = 8GHz, fLO =
41GHz (upper sideband), maximum gain, RF low-pass filter (LPF) setting = 0x00 (highest cutoff), and RF high-pass filter (HPF) setting = 0x3F
(lowest cutoff), unless otherwise noted.
Table 2. RF_IN Input, High Band
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL STEP ATTENUATOR (DSA) PERFORMANCE
Full Attenuation Range
Set DSA2 to DSA5 maximum attenuation
50
dB
Attenuation Step Size
DSA2
6
dB
DSA3, DSA4, and DSA5
1
dB
Attenuation Step Error
DSA2
±0.2
dB
DSA3, DSA4, and DSA5
±0.2
dB
RX IF MODE, HIGH BAND, RF_IN PERFORMANCE
RF_IN input pin and IF_OUT output pin
Conversion Gain
41
dB
Single Sideband Noise Figure
6.2
dB
Input 1 dB Compression (P1dB)
−27
dBm
Input Third-Order Intercept (IP3)
100 MHz tone spacing
−16
dBm
Image Rejection (IMRR)
Uncalibrated
−28
dBc
Calibrated
−52
dBc
RF_IN Input, Low Band
TC = 25°C, all supply voltages = 1.8V, PRF = −50dBm, PLO = −5dBm, fRF = 26GHz, fIF = 8GHz, fLO = 34GHz (lower sideband), maximum gain,
and RF LPF setting = 0x00 (highest cutoff), unless otherwise noted.
Table 3. RF_IN Input, Low Band
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DSA PERFORMANCE
Full Attenuation Range
Set DSA2 to DSA5 maximum attenuation
52
dB
Attenuation Step Size
DSA2
6
dB
DSA3, DSA4, and DSA5
1
dB
Attenuation Step Error
DSA2
+0.2
dB
DSA3, DSA4, and DSA5
+0.2
dB
RX IF MODE, LOW BAND, RF_IN PERFORMANCE
RF_IN input pin and IF_OUT output pin
Conversion Gain
48
dB
Single Sideband Noise Figure
4.0
dB
Input P1dB
−34
dBm
IP3
100MHz tone spacing
−24
dBm
IMRR
Uncalibrated
−55
dBc
Calibrated
−80
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com