Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 141 page
background image
Data Sheet
ADMV1455
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 15 of 141
Figure 3. Pin Configuration
Table 17. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1, A12, J3, L1, L12
NIC
Not Internally Connected. The NIC balls are not connected internally. It is acceptable to ground these balls
if the application or implementation requires it.
A2
VDD_LNA
LNA Supply Voltage, 1.8V. Place 0.01μF and 1μF decoupling capacitors close to VDD_LNA.
A3
VDD_RF
RF Amplifier Supply Voltage, 1.8V. Place 0.01μF and 1μF decoupling capacitors close to VDD_RF.
A4, A6, A9, B3, B4, B6, B9, C1
to C9, D3 to D5, E1 to E3, E7,
E10 to E12, F3 to F6, F9, F10,
G1 to G3, G7, G10 to G12, H4,
H5, J4 to J10, K4, K6, K9, L4,
L6, L9
GND
Ground. Tie all GND balls together to a low impedance plane on the PCB.
A10
GPO_G4
General-Purpose Digital Output Ball Gain 4. Active high, 1.8V logic. This ball can be left floating. Do not
ground this ball.
A11
VDD_MIX
Mixer Supply Voltage, 1.8V. Place 0.01μF and 1μF decoupling capacitors close to VDD_MIX.
B1
DNC
Do Not Connect. Do not connect to or ground the DNC ball.
B2
CM_REF
I/Q Baseband Common-Mode Reference Voltage Input. When the internal common-mode voltage
reference is used, the CM_REF ball can float. When setting the common-mode voltage externally, use the
CM_REF ball and place a 0.01μF decoupling capacitor close to CM_REF. Do not ground CM_REF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com