Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 84 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 80Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 81Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 82Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 83Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 84Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 85Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 86Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 87Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 141 page
background image
Data Sheet
ADMV1455
THEORY OF OPERATION
analog.com
Rev. 0 | 84 of 141
OVERLOAD PROTECTION
The ADMV1455 contains overload protection circuits connected to
DSA1 and the RF input LNA that allow the chip to automatically
power down when the CEN input is high and excessive RF input
power is detected. The overload protection helps prevent infrequent
excessive RF input power from causing catastrophic damage to the
ADMV1455.
Four different overload protection modes are available. Use Regis-
ter 0x108 (OVERLOAD_PROTECTION_MODE) to set the overload
protection mode.
When Register 0x108 is set to 0, automatic overload protection is
disabled. The two overload signals can be read back from Register
0x0A0 (RX_DSA1_OVERLOAD and RX_LNA_OVERLOAD). Exter-
nal appropriate action must be taken, such as powering down the
chip by using the CEN input.
When Register 0x108 is set to 1, automatic overload protection is
enabled for DSA1. When DSA1 experiences excessive RF input
power, the RX_DSA1_OVERLOAD bit is asserted high, and many
of the RF portions of the chip are powered down until the excessive
RF input power is removed.
When Register 0x108 is set to 2, automatic overload protection is
enabled for the RF input LNA. When the RF input LNA experiences
excessive RF input power, the RX_LNA_OVERLOAD bit is assert-
ed high, and many of the RF portions of the chip are powered down
until the excessive RF input power is removed.
When Register 0x108 is set to 3, automatic overload protection
is enabled for the RF input LNA with latch. When the RF input
LNA experiences excessive RF input power, the RX_LNA_OVER-
LOAD_LATCHED bit in Register 0x0A1 is asserted high, and
many of the RF portions of the chip are powered down. When
the excessive RF input power is removed, the many of the RF
portions of the chip continue to power down. To power up the
RF portions of the chip, the RX_LNA_OVERLOAD_LATCHED bit
must be cleared, which can be accomplished by setting OVER-
LOAD_PROTECTION_MODE to any other value. Ensure to set
OVERLOAD_PROTECTION_MODE back to the desired mode after
performing the clear operation.
The DSA1 threshold value is determined by Register 0x173. It
is recommended to use the 0 value, which corresponds with the
DSA1 overload protection input power threshold of approximately
13dBm.
The RF input LNA threshold value is determined by Register 0x172.
It is recommended to use the 0 value, which corresponds with the
LNA overload protection input power threshold of approximately
−6dBm.
Relationship to the Absolute Maximum Rating
The overload protection is intended for infrequent instances of
excessive RF input power. Continuous operation of the ADMV1455
with excessive RF input power is discouraged because it can
reduce chip lifetime.
Overload protection typically triggers at −6dBm for RF_IN (LNA)
and +13dBm for DSA_IN (DSA1). These levels exceed most abso-
lute maximum ratings when CEN = high.
When using automatic overload protection for the DSA1 mode or
the RF input LNA with latch mode, and excessive RF input power
has triggered the overload protection circuit, the expected chip
lifetime aligns with the absolute maximum ratings for CEN = low.
These two modes provide the highest level of protection.
When using the automatic overload protection for the RF input LNA
mode (nonlatched), and excessive RF input power has triggered
the overload protection circuit, the chip lifetime is approximately 2
hours with 0dBm applied.
Before overload protection activates, chip lifetime follows the abso-
lute maximum ratings for CEN = high. The RF input power range
between these ratings and the overload threshold is unprotected,
and continuous operation in this range is discouraged.
In systems that need to support a wide range of RF input power
levels, it may be advantageous to implement an external automatic
gain control (AGC) loop with the ADMV1455. The AGC loop could
monitor the RF input power and then make adjustments to DSAs on
the ADMV1455 to ensure chip lifetime is maintained.
For systems requiring prolonged excessive RF input power, or to
discuss possible AGC loop options, contact Analog Devices, Inc.,
Technical Support for guidance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com