Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 80 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 76Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 77Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 78Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 79Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 80Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 81Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 82Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 83Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 141 page
background image
Data Sheet
ADMV1455
THEORY OF OPERATION
analog.com
Rev. 0 | 80 of 141
IMAGE REJECTION OPTIMIZATION
The image rejection capability of a mixer is defined as the ability
to have no gain, or a rejected output signal, for a given RF input
frequency that would otherwise provide the same IF output frequen-
cy. For example, if the intended RF input frequency is 30GHz,
the 2×LO_I and 2×LO_Q mixer LO frequencies are 28GHz, and
the desired IF output frequency is 2GHz, then the RF input image
frequency is 26GHz.
Imperfections in the quadrature phase imbalance of the mixer LO
signals (ideal 90°), imperfections in the mixer output amplitude im-
balance (ideal 0dB), as well as the imbalance characteristics of the
IF hybrid output may cause an IF output signal to be present when
applying this RF image frequency. To overcome these imperfections
and help optimize the image rejection capability of the ADMV1455,
the phase of the mixer LO signals and amplitudes of the mixer
outputs can be adjusted.
The adjustable phase shifters, PH_I and PH_Q, in LO signal chain
allow correcting of the quadrature phase imbalance between the
2×LO_I and 2×LO_Q signals. Each phase shifter has a typical 0.6°
step size, 20° of range, across 32 states. Use Register 0x80A,
Bits[4:0] to adjust the phase of 2×LO_I, and use Register 0x809,
Bits[4:0] to adjust the phase of 2×LO_Q.
The IF_I and IF_Q signals from the mixer feed into fine adjust
attenuators, DSAI and DSAQ. These attenuators allow for small
0.1dB steps and 1.5dB of total amplitude control for these signals
to optimize the image rejection capability of the ADMV1455. Use
Register 0x80B to adjust these attenuators. Bits[3:0] set DSAI and
Bits[7:4] set DSAQ.
When applying an RF image frequency and observing the IF output
power level, there are various options to perform image rejection
optimization. See the Sensitivity Guided Optimization section and
the Coarse and Fine Sweep Optimization section for two possible
options.
Sensitivity Guided Optimization
The first option for performing image rejection optimization uses
sensitivity analysis to assist in making decisions to narrow the
scope of possible optimization values. To perform this optimization,
apply an RF image frequency and take the following steps while
measuring the IF output power:
1. Set both PH_I and PH_Q to 15.
2. Set both DSAI and DSAQ to 0.
3. Step through the DSAI values starting from 0. Stop sweeping
when a local minima for the IF output power has been achieved
and retain the DSAI value that provides the local minima.
4. Repeat Step 3 for DSAQ.
5. Set PH_I to 14 and then 16 to determine the optimum direction
to step through. If PH_I = 14 provides a better result than PH_I
= 16, then step through the values from 13 to 0; otherwise, step
through values 17 to 31. Stop sweeping when a local minima
for the IF output power has been achieved and retain the PH_I
value that provides the local minima.
6. Repeat Step 5 for PH_Q.
7. With the values determined in Step 3 to Step 6 for DSAI,
DSAQ, PH_I, and PH_Q, further optimization may be possible
by adjusting each ±1 value.
Coarse and Fine Sweep Optimization
The second option for performing image rejection optimization uses
a coarse sweep followed by a fine sweep to determine the optimi-
zation values. To perform this optimization, apply an RF image
frequency and take the following steps while measuring the IF
output power:
1. Set both PH_I and PH_Q to 0.
2. Set DSAQ to 0. Step through the DSAI values starting from 0 to
15. Record the IF output power for each value.
3. Set DSAI to 0. Step through the DSAQ values starting from 0 to
15. Record the IF output power for each value.
4. Pick the combination of values from Step 2 and Step 3 that
provide the lowest IF output power. Note, that one fine step
DSA value will be zero.
5. Perform a nested coarse sweep of PH_I and PH_Q for values
0, 4, 8, 12, 16, 20, 24, and 28. There are 64 combinations of
those values for both phase shifters that are tested. Record the
combination of values that provides the lowest IF output power.
6. Use the combination of values determined in Step 5 to then
determine the fine sweep range by adding and subtracting 4
from each value. Perform a nested fine sweep of PH_I and
PH_Q for these values. For example, if Step 5 yielded PH_I =
16 and PH_Q = 12, then the fine sweep range for PH_I is 12
to 20 and the fine sweep range for PH_Q is 8 to 16. Excluding
the coarse values from the fine sweep, there are an additional
80 combinations of fine sweep values. Pick the combination of
values that provides the lowest IF output power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com