Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 141 page
background image
Data Sheet
ADMV1455
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 19 of 141
IF MODE, RF_IN, HIGH BAND
All measurements use RF_IN as an input and IF as an output, with the RF high-band settings. The supply voltage = 1.8V (all supplies) and TC =
25°C, unless otherwise noted.
All measurements taken with PRF = −45dBm, PLO = −5dBm, fRF = 49GHz, fIF = 8GHz, fLO = 41GHz (upper sideband), maximum gain, RF LPF
setting = 0x00 (highest cutoff), RF HPF setting = 0x3F (lowest cutoff), IF band-pass filter (BPF) settings = 8GHz (see Table 24), and LO tunable
filter wideband high settings (see Table 22), unless otherwise noted. Trace and connector losses are de-embeded to the RF pins (see the RF
and IF input and output pins in Figure 3).
Conversion Gain
Figure 4. Conversion Gain vs. RF Input Frequency at Various Temperatures
Figure 5. Conversion Gain vs. RF Input Frequency at Various Temperatures,
Minimum Gain
Figure 6. Conversion Gain vs. RF Input Frequency at Various Temperatures,
LO Filter Wideband Low Setting
Figure 7. Conversion Gain vs. RF Input Frequency at Various Temperatures,
LO Filter Wideband Low Setting, Minimum Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com