Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 35Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 36Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 37Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 38Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 39Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 141 page
background image
Data Sheet
ADMV1455
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 36 of 141
Figure 78. Conversion Gain vs. RF Input Frequency, Upper Sideband and
Lower Sideband at Various LO Tunable Filter Settings
Figure 79. Conversion Gain vs. RF Input Frequency at Various DSA2 Settings
Figure 80. Conversion Gain vs. DSA3 Settings at Various Temperatures,
Single fRF = 29GHz
Figure 81. Conversion Gain Step vs. DSA3 Settings at Various Temperatures,
Single fRF = 29GHz
Figure 82. Conversion Gain vs. RF Input Frequency at Various DSA3 Settings
Figure 83. Conversion Gain vs. RF Input Frequency at Various RF Low-Pass
Filter Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com