Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 35Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 141 page
background image
Data Sheet
ADMV1455
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 32 of 141
LO LEAKAGE
Digital 1.8V voltage supplies = 1.8V, DC 1.8V voltage supplies = 1.8V, and TTOP (referenced to topside of package) = 25°C, unless otherwise
noted. Measurements are de-embedded to the RF pins (see the RF and IF input and output pins in Figure 3).
All measurements taken at RF amplitude = −45dBm, IF = 8GHz, LO power = −5dBm, RF Band 1, upper sideband, maximum gain, LO tunable
filter wideband high settings, RF LPF setting = 0x00 (highest cutoff), RF HPF setting = 0x3F (lowest cutoff), IF filter = 8GHz, and TC = 25°C,
unless otherwise noted. All temperatures specified are TC. All measurements taken at IF output unless otherwise noted. Trace and connector
loss are de-embeded.
Figure 62. 1×LO to IF Leakage vs. LO Input Frequency, RF High Band at 25°C
Figure 63. 2×LO to IF Leakage vs. LO Input Frequency, RF High Band at 25°C
Figure 64. 3×LO to IF Leakage vs. LO Input Frequency, RF High Band at 25°C
Figure 65. 1×LO to RF_IN Leakage vs. LO Input Frequency, RF High Band at
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com