Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADMV1455BBCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 141 page
background image
Data Sheet
ADMV1455
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 141
TC = 25°C, VDD_BB = 2.5V, and all other supplies = 1.8V, unless otherwise noted.
Table 1. Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGES
RF Input (fRF)
Low Band Signal Chain
17.7
34
GHz
High Band Signal Chain
30
55
GHz
LO Input (fLO)
8.85
27.5
GHz
2× LO Multiplier (2× fLO)
17.7
55
GHz
IF Single-Ended Output
2
12
GHz
Baseband I/Q Differential Output
DC
8
GHz
LO AMPLITUDE RANGE
fLO < 25GHz
−7
−3
dBm
fLO ≥ 25GHz
−3
0
dBm
OPERATING TEMPERATURE RANGE
−40
+95
°C
IMAGE REJECTION CONTROL
LO Phase Adjustment
±20
Degrees
LO Phase Step
0.6
Degrees
IF Amplitude Step Size
0.1
dB
BASEBAND OUTPUT COMMON-MODE VOLTAGE (VOCM)
Internally generated, digitally controlled
VDD_BB = 1.8V
0.8
1.1
V
VDD_BB = 2.5V
0.8
1.5
V
POWER DETECTOR PERFORMANCE
Input Range
Power at RF_IN and output measured digitally via the
on-chip analog-to-digital converter (ADC)
−40
−17
dBm
RETURN LOSS
RF_IN Input
50Ω single-ended
Low Band
17GHz to 34GHz
−10
dB
High Band
30GHz to 55GHz
−8
dB
DSA_IN Input and DSA1 = 0dB
50Ω single-ended
Low Band
17GHz to 50GHz
−14
dB
High Band
50GHz to 55GHz
−6
dB
DSA_IN Input and DSA1 = 15dB
50Ω single-ended
Low Band
17GHz to 50GHz
−11
dB
High Band
50GHz to 55GHz
−6
dB
DSA_OUT Output and DSA1 = 0dB
50Ω single-ended
Low Band
17GHz to 50GHz
−12
dB
High Band
50GHz to 55GHz
−6
dB
DSA_OUT Output and DSA1 = 15dB
50Ω single-ended
Low Band
17GHz to 50GHz
−15
dB
High Band
50GHz to 55GHz
−8
dB
LO Input
50Ω single-ended
−8
dB
IF Output
50Ω single-ended
dB
2GHz to 6GHz
−7
dB
4GHz to 8GHz
−9
dB
6GHz to 10GHz
−9
dB
8GHz to 12GHz
−15
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com