Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 118 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 118 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 114Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 115Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 116Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 117Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 118Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 119Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 120Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 121Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 122Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 141 page
background image
Data Sheet
ADMV1455
REGISTER DETAILS
analog.com
Rev. 0 | 118 of 141
Table 111. Bit Descriptions for REG0282
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
[6:0]
GAIN_SPI_POINTER
Gain SPI Pointer.
0x0
R/W
Address: 0x283, Reset: 0x01, Name: REG0283
Figure 262.
Table 112. Bit Descriptions for REG0283
Bits
Bit Name
Description
Reset
Access
[7:0]
GAIN_SM_STEP
Gain State Machine Step Size. This twos complement value determines how much the gain state machine is
incremented or decremented. A step size of zero is invalid.
0x1
R/W
Address: 0x284, Reset: 0x00, Name: REG0284
Figure 263.
Table 113. Bit Descriptions for REG0284
Bits
Bit Name
Description
Reset
Access
[7:0]
GAIN_SM_OFFSET
Gain State Machine Offset. This twos complement value determines how much the state machine output will be
offset.
0x0
R/W
Address: 0x285, Reset: 0x01, Name: REG0285
Figure 264.
Table 114. Bit Descriptions for REG0285
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
GAIN_LUT_EN
Gain LUT Enable. When disabled, filter settings defined using Register 0x600 to Register 0x603. When enabled, filter
settings are dependent upon the LUT, that is set using Registers 0xE00 to Register 0xF0B.
0x1
R/W
0: Disable.
1: Enable.
Address: 0x286, Reset: 0x00, Name: REG0286
Figure 265.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com