Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 124 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 124 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 120Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 121Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 122Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 123Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 124Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 125Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 126Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 127Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 128Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 141 page
background image
Data Sheet
ADMV1455
REGISTER DETAILS
analog.com
Rev. 0 | 124 of 141
Table 134. Bit Descriptions for REG02A0
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
4
LPF_SELECT
LPF Select.
0x0
R/W
0: Filter state determined from LUT or Register 0x800 to Register 0x80C.
1: Filter state determined from SPI (LPF_BYPASS_VALUE).
[3:0]
LPF_BYPASS_VALUE
LPF Bypass Value. Cutoff frequency is inversely proportional to this bit field value.
0x0
R/W
Address: 0x2A1, Reset: 0x00, Name: REG02A1
Figure 285.
Table 135. Bit Descriptions for REG02A1
Bits
Bit Name
Description
Reset
Access
7
HPF_SELECT
HPF Select.
0x0
R/W
0: Filter state determined from LUT or Register 0x800 to Register 0x80C.
1: Filter state determined from SPI (HPF_BYPASS_VALUE).
6
RESERVED
Reserved.
0x0
R/W
[5:0]
HPF_BYPASS_VALUE
HPF Bypass Value. Cutoff frequency is inversely proportional to this bit field value.
0x0
R/W
Address: 0x2A2, Reset: 0x00, Name: REG02A2
Figure 286.
Table 136. Bit Descriptions for REG02A2
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
4
BPF_SELECT
BPF Select.
0x0
R/W
0: BPF fine adjustment disabled.
1: BPF fine adjustment determined from SPI (BPF_FINE).
[3:0]
BPF_FINE
BPF Fine Adjustment Value. Both high and low cutoff frequencies are inversely proportional to this bit field value.
0x0
R/W
Address: 0x2A3, Reset: 0x00, Name: REG02A3
Figure 287.
Table 137. Bit Descriptions for REG02A3
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com