Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 123 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 123 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 119Page - ATMEL Corporation AT697F Datasheet HTML 120Page - ATMEL Corporation AT697F Datasheet HTML 121Page - ATMEL Corporation AT697F Datasheet HTML 122Page - ATMEL Corporation AT697F Datasheet HTML 123Page - ATMEL Corporation AT697F Datasheet HTML 124Page - ATMEL Corporation AT697F Datasheet HTML 125Page - ATMEL Corporation AT697F Datasheet HTML 126Page - ATMEL Corporation AT697F Datasheet HTML 127Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 155 page
background image
AT697F ADVANCE INFORMATION
123
7703C–AERO–6/09
10
bz
Break on error traps
If set, will force the processor into debug mode on all except the following traps: priviledged_instruction,
fpu_disabled, window_overflow, window_underflow, asynchronous_interrupt, ticc_trap.
9
bx
Break on trap
If set, will force the processor into debug mode when any trap occurs.
8
bd
Break on DSU breakpoint
If set, will force the processor to debug mode when an DSU breakpoint is hit.
7
bn
Break now
Force processor into debug mode. If cleared, the processor will resume execution.
6
bs
Break on S/W breakpoint
If set, debug mode will be forced when an breakpoint instruction (ta 1) is executed
5
bw
Break on IU watchpoint
If set, debug mode will be forced on a IU watchpoint (trap 0xb).
4
be
Break on error
if set, will force the processor to debug mode when the processor would have entered error condition (trap in
trap).
3
ft
Freeze timers
If set, the scaler in the LEON timer unit will be stopped during debug mode to preserve the time for the software
application.
2
bt
Break on trace
If set, will generate a DSU break condition on trace freeze.
1
dm
Delay counter mode
In mixed tracing mode, setting this bit will cause the delay counter to decrement on AHB traces. If reset, the
delay counter will decrement on instruction traces
0
te
Trace enable.
Enables the trace buffer.
Table 116. DSU UART Status Register - DSUUS
Address = 0x800000C4
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
reserved
fe
ov
th
ts
dr
r/w
r
r/w
r
r/w
r
r
r
xxxx xxxx xxxx xxxx xxxx xxxx x
0
x
0
x
0
0
0
Bit Number
Mnemonic
Description
6
fe
Framing error
Indicates that a framing error was detected.
4
ov
Overrun
Indicates that one or more character have been lost due to overrun.
2
th
Transmitter hold register empty
Indicates that the transmitter hold register is empty.
1
ts
Transmitter shift register empty
Indicates that the transmitter shift register is empty.
0
dr
Data ready
Indicates that new data is available in the receiver holding register.
Bit Number
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com