Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 127 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 127 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 123Page - ATMEL Corporation AT697F Datasheet HTML 124Page - ATMEL Corporation AT697F Datasheet HTML 125Page - ATMEL Corporation AT697F Datasheet HTML 126Page - ATMEL Corporation AT697F Datasheet HTML 127Page - ATMEL Corporation AT697F Datasheet HTML 128Page - ATMEL Corporation AT697F Datasheet HTML 129Page - ATMEL Corporation AT697F Datasheet HTML 130Page - ATMEL Corporation AT697F Datasheet HTML 131Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 155 page
background image
AT697F ADVANCE INFORMATION
127
7703C–AERO–6/09
Electrical Characteristics
Electrical Characteristics for this product have not yet been finalized. Please consider all values listed here
as preliminary and non contractual
Absolute Maximum Ratings
Operating Temperature .....................................................................-55 °C to +125 °C
Storage Temperature ........................................................................-65 °C to +150 °C
Voltage on VDD with respect to Ground ..............................................-0.3 V to + 2.0 V
Voltage on VCC with respect to Ground ..............................................-0.3 V to + 4.0 V
DC current VCC (VDD) and VSS Pins .............................................................200 mA
Input Voltage on I/O pins with respect to Ground .....................................-0.5 V to +4 V
DC current per I/O pins....................................................................................40 mA
ESD ............................................................................................................. 1000 V
Notes:
1. Stresses at or above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this specifi-
cation is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
DC Characteristics
Table 124.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VDD
Core Power Supply
1.65
1.8
1.95
V
VCC
I/O Power Supply Voltage
3
3.3
3.6
V
IILpu
Low Level Input Pull-up Current
100
500
uA
Vin = VSS
IIHpd
High Level Input Pull-downCurrent
100
500
uA
Vin = VCC (max)
IIL
Low Level Input Leakage Current
-1
1
uA
Vin = VSS
IIH
High Level Input Leakage Current
-1
1
uA
Vin = VCC (max)
IOZ
High Impedance Current
100
500
uA
Vin = VSS or VCC (max)
VIL TTL
Low Level Input Voltage
0.8
V
VIL CMOS
30%VCC
V
VIH TTL
High Level Input Voltage
2
V
VIH CMOS
70%VCC
V
VOL
Low Level Output Voltage
0.4
V
VCC = VCC(min)
IOL = 2, 4, 8, 16mA
VOL pci
Low Level Output Voltage
for PCI buffers
0.1 VCC
V
VCC = VCC(min)
IOL = 1.5mA
VOH
High Level Output Voltage
VCC - 0.4
V
VCC = VCC(min)
IOH = 2, 4, 8, 16mA
VOH pci
High Level Output Voltage
for PCI buffers
0.9 VCC
V
VCC = VCC(min)
IOH = 0.5mA
ICCSb
Standby Current
5
mA
VCC = VCC(max)
no clock active
DC characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com