Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 45 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 45 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 49Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 81 page
background image
ADT7462
http://onsemi.com
45
Bit 0 (Remote 1 En) = 1 enables dynamic TMIN control on
the Remote 1 temperature channel. The chosen TMIN value
is dynamically adjusted based on the current temperature,
operating point, and high and low limits for this zone.
Bit 0 (Remote 1 En) = 0 disables dynamic TMIN control.
The TMIN value chosen is not adjusted, and the channel
behaves as described in the Automatic Fan Control
Overview section.
Step 10—Monitoring THERM
Using the operating point limit ensures that the dynamic
TMIN control mode is operating in the best possible acoustic
position, while ensuring that the temperature never exceeds
the maximum operating temperature. Using the operating
point limit allows TMIN to be independent of system−level
issues because of its self−corrective nature. In PC design, the
operating point for the chassis is usually the worst−case
internal chassis temperature.
The optimal operating point for the processor is
determined by monitoring the thermal monitor in the Intel
Pentium 4 processor. To do this, the PROCHOT output of
the Pentium 4 is connected to the THERM input of the
ADT7462.
The operating point for the processor can be determined
by allowing the current temperature to be copied to the
operating point register when the PROCHOT output pulls
the THERM input low on the ADT7462. This gives the
maximum temperature at which the Pentium 4 can run
before clock modulation occurs.
Enabling the THERM Trip Point as the Operating Point
Bits [5:2] of Dynamic TMIN Control Register 1 (0x0B)
enable/disable THERM monitoring to program the
operating point. Table 39 details how the remote
temperatures can be copied into the operating point registers
on a THERM assertion. Setting these bits to 1 uses the
remote temperature as the operating point temperature,
overwriting the programmed operating point value in the
event of a THERM assertion. Setting these bits to 0 ignores
a THERM assertion, and the operating point register
remains at the programmed value.
Enhancing System Acoustics
Automatic fan speed control mode reacts instantaneously
to changes in temperature; that is, the PWM duty cycle
responds immediately to temperature change. Any impulses
in temperature can cause an impulse in fan noise. For
psycho−acoustic reasons, the ADT7462 can prevent the
PWM output from reacting instantaneously to temperature
changes. Enhanced acoustic mode controls the maximum
change in PWM duty cycle at a given time. The objective is
to prevent the fan from cycling up and down, annoying the
user.
Acoustic Enhancement Mode Overview
Figure 74 gives a top−level overview of the automatic fan
control circuitry on the ADT7462 and shows where acoustic
enhancement fits in. Acoustic enhancement is intended as a
post−design tweak made by a system or mechanical
engineer evaluating best settings for the system. Having
determined the optimal settings for the thermal solution, the
engineer can adjust the system acoustics. The goal is to
implement a system that is acoustically pleasing without
causing user annoyance due to fan cycling. It is important to
realize that although a system might pass an acoustic noise
requirement specification (for example, 36 dB), if the fan is
annoying, it fails the consumer test.
ACOUSTIC
ENHANCEMENT
REAR CHASSIS
FRONT CHASSIS
CPU FAN SINK
LOCAL =
VRM TEMP
PWM1
PWM2
TACH1
TACH2
TACH3
PWM3
REMOTE 1 =
AMBIENT TEMP
REMOTE 2 =
CPU TEMP
MUX
THERMAL CALIBRATION
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
TACHOMETER 1
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
TACHOMETER 2
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
TACHOMETER 3
AND 4
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
100%
Figure 74. Acoustic Enhancement Smoothes Fan Speed Variations
Under Automatic Fan Speed Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com