Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 38 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 38 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 42Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 81 page
background image
ADT7462
http://onsemi.com
38
TRANGE for different PWMMIN values can be calculated
using Equation 7.
(eq. 7)
TMAX + TMIN ) (Max DC * Min DC) TRANGE 170
where (Max DC − Min DC)
× TRANGE/170 is the effective
TRANGE value.
Figure 60 shows PWM duty cycle vs. temperature for each
TRANGE setting. The lower graph shows how each TRANGE
setting affects fan speed vs. temperature. As shown in the
graph, the effect on fan speed is nonlinear.
Figure 60. TRANGE vs. Actual Fan Speed Profile
TEMPERATURE ABOVE TMIN
0
20406080
100
120
0
10
20
30
40
50
60
70
80
90
100
TEMPERATURE ABOVE TMIN
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90
100
25C
805C
53.35C
405C
325C
26.65C
205C
165C
13.35C
105C
85C
6.675C
55C
45C
3.335C
2.55C
25C
805C
53.35C
405C
325C
26.65C
205C
165C
13.35C
105C
85C
6.675C
55C
45C
3.335C
2.55C
The graphs in Figure 60 assume that the fan starts from 0%
PWM duty cycle. Clearly, the minimum PWM duty cycle,
PWMMIN, needs to be factored in to see how the loop
actually performs in the system. Figure 61 shows how
TRANGE is affected when the PWMMIN value is set to 20%.
It can be seen that the fan runs about 45% fan speed when the
temperature exceeds TMIN.
Example: Determining TRANGE for Each Temperature
Channel
The following example shows how the different TMIN and
TRANGE settings can be applied to three different thermal
zones. In this example, the following TRANGE values apply:
TRANGE = 80°C for ambient temperature
TRANGE = 53.3°C for CPU temperature
TRANGE = 40°C for VRM temperature
Figure 61. TRANGE vs. % Fan Speed Slopes with
PWMMIN = 20%
TEMPERATURE ABOVE TMIN
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90
100
TEMPERATURE ABOVE TMIN
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90
100
25C
805C
53.35C
405C
325C
26.65C
205C
165C
13.35C
105C
85C
6.675C
55C
45C
3.335C
2.55C
25C
805C
53.35C
405C
325C
26.65C
205C
165C
13.35C
105C
85C
6.675C
55C
45C
3.335C
2.55C
This example uses the MUX configuration described in
the Step 1 − Configuring the MUX section. Both CPU
temperature and VRM temperature drive the CPU fan
connected to PWM1. Ambient temperature drives the front
chassis fan and rear chassis fan connected to PWM2 and
PWM3.
The front chassis fan is configured to run at PWMMIN= 20%.
The rear chassis fan is configured to run at PWMMIN= 30%.
The CPU fan is configured to run at PWMMIN= 10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com