Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 39 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 39 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
ADT7462
http://onsemi.com
39
Note on 4−Wire Fans
The control range for 4−wire fans is much wider than that
of 2−wire or 3−wire fans. In many cases, 4−wire fans can
start with a PWM drive of as little as 20%.
Figure 62. TRANGE and % Fan Speed Slopes for VRM,
Ambient, and CPU Temperature Channels
TEMPERATURE ABOVE TMIN
0
102030
40
100
50
60
70
80
90
0
10
20
30
40
50
60
70
80
90
100
TEMPERATURE ABOVE TMIN
0
10
20
30
40
50
60
70
80
90
100
0
102030
40
100
50
60
70
80
90
Step 6—TTHERM for Temperature Channels
TTHERM is the absolute maximum temperature allowed
on a temperature channel. Above this temperature, a
component such as the CPU or VRM might be operating
beyond its safe operating limit. When the measured
temperature exceeds TTHERM, all fans are driven at 100%
PWM duty cycle (full speed) to provide critical system
cooling. The fans remain running at 100% until the
temperature drops below TTHERM minus hysteresis, where
hysteresis is the number programmed into Local/Remote 1
Hysteresis Register 0x54 and Remote 2/Remote 3
Hysteresis Register 0x55. The default hysteresis value is
4
°C.
The TTHERM limit should be considered as the maximum
worst−case operating temperature of the system. Because
exceeding any TTHERM limit runs all fans at 100%, it has
very negative acoustic effects. Ultimately, this limit should
be set up as a fail−safe, and it must not be exceeded under
normal system operating conditions.
Note that the TTHERM limits cannot be masked, and they
affect the fan speed no matter how the automatic fan control
settings are configured. This allows some flexibility because
a TRANGE value can be selected based on its slope, while a
hard limit (such as 70
°C), can be programmed as TMAX (the
temperature at which the fan reaches full speed) by setting
TTHERM to that limit (for example, 70°C).
THERM Registers
Register 0x4C, Local THERM1 temperature limit = 0xA4
(100
°C default)
Register 0x4D, Remote 1 THERM1 temperature limit = 0xA4
(100
°C default)
Register 0x4E, Remote 2 THERM1 temperature limit = 0xA4
(100
°C default)
Register 0x4F Remote 3 THERM1 temperature limit = 0xA4
(100
°C default)
Register 0x50, Local THERM2 temperature limit = 0xA4
(100
°C default)
Register 0x51, Remote 1 THERM2 temperature limit = 0xA4
(100
°C default)
Register 0x52, Remote 2 THERM2 temperature limit = 0xA4
(100
°C default)
Register 0x53 Remote 3 THERM2 temperature limit = 0xA4
(100
°C default)
Hysteresis Registers
Register 0x54, Local/Remote 1 Temperature Hysteresis
Register
Bits [7:4], local temperature hysteresis (4
°C default)
Bits [3:0], Remote 1 temperature hysteresis (4
°C default)
Register 0x55, Remote 2/Remote 3 Temperature
Hysteresis Register
Bits [7:4], Remote 2 temperature hysteresis (4
°C default)
Bits [3:0], Remote 3 temperature hysteresis (4
°C default)
Because each hysteresis setting is four bits, hysteresis
values are programmable from 1
°C to 15°C. It is not
recommended that hysteresis values ever be programmed to
0
°C, because this value disables hysteresis. In effect, this
value causes the fans to cycle between normal speed and
100% speed, creating unsettling acoustic noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com