Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 32 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 81 page
background image
ADT7462
http://onsemi.com
32
PWM Duty Cycle Registers
Register 0xAA PWM1 Duty Cycle = 0x00 (0% default)
Register 0xAB PWM2 Duty Cycle = 0x00 (0% default)
Register 0xAC PWM3 Duty Cycle = 0x00 (0% default)
Register 0xAD PWM4 Duty Cycle = 0x00 (0% default)
By reading the PWMx current duty cycle registers, the
user can keep track of the current duty cycle on each PWM
output, even when the fans are running in automatic fan
speed control mode or acoustic enhancement mode.
Figure 50. Control PWM Duty Cycle Manually with a
Resolution of 0.39%
VARY PWM DUTY
CYCLE WITH 8-BIT
RESOLUTION
Programming the Automatic Fan Speed Control Loop
Note that to better understand the automatic fan speed
control loop, use of the ADT7462 evaluation board and
software is strongly recommended while reading this
section.
This section provides the system designer with an
understanding of the automatic fan control loop and
provides step−by−step guidance on effectively evaluating
and selecting critical system parameters. To optimize
system characteristics, the designer needs to carefully plan
system configuration, including the number of fans, where
they are located, and what temperatures are being measured
in the particular system.
The mechanical or thermal engineer who is tasked with
the system thermal characterization should also be involved
at the beginning of the process.
Automatic Fan Control Overview
The ADT7462 can automatically control the speed of fans
based upon the measured temperature. This is done
independently from CPU intervention once initial parameters
are set up.
The ADT7462 has a local temperature sensor and up to
three remote temperature channels that can be connected to
a CPU on−chip thermal diode (available on Intel Pentium
class and other CPUs/GPUs). These four temperature
channels can be used as the basis for automatic fan speed
control to drive fans using pulse−width modulation (PWM).
Automatic fan speed control reduces acoustic noise by
optimizing fan speed according to accurately measured
temperature. Reducing fan speed can also decrease system
current consumption. The automatic fan speed control mode
is very flexible, owing to the number of programmable
parameters, including TMIN and TRANGE. The TMIN and
TRANGE values for a temperature channel and, therefore, for
a given fan, are critical because they define the thermal
characteristics of the system. The thermal validation of the
system is one of the most important steps in the design
process, so these values should be selected carefully.
Figure 51 gives a top−level overview of the automatic fan
control circuitry on the ADT7462. From a systems−level
perspective, up to four system temperatures can be
monitored and used to control four PWM outputs. The four
PWM outputs can be used to control up to eight fans. The
ADT7462 allows the speed of eight fans to be monitored.
The Remote 1 and Remote 2 temperature channels have a
thermal calibration block, allowing the designer to
individually configure the thermal characteristics of those
temperature channels. For example, the CPU fan can be run
when CPU temperature increases above 60
°C and a chassis
fan can be run when the local temperature increases above
45
°C. At this stage, the designer has not assigned these
thermal calibration settings to a particular fan drive (PWM)
channel. The right side of Figure 51 shows controls that are
fan−specific. The designer has control over individual
parameters such as minimum PWM duty cycle, fan speed
failure thresholds, and even ramp control of the PWM
outputs. Automatic fan control, then, ultimately allows
graceful fan speed changes that are less perceptible to the
system user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com