Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 57 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 57 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 55Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 56Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 57Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 58Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 60Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 61Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 81 page
background image
ADT7462
http://onsemi.com
57
Table 30. Register Map
Addr
Lock
able
SW
Reset
De−
fault
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
R/W
Description
0x6C
Pin 26
Voltage
High Limit
R/W
7
6
5
4
3
2
1
0
0xFF
No
No
0x6D
+12V1
Low Limit
R/W
7
6
5
4
3
2
1
0
0x00
No
No
0x6E
+12V2
Low Limit
R/W
7
6
5
4
3
2
1
0
0x00
No
No
0x6F
+12V3
Low Limit
R/W
7
6
5
4
3
2
1
0
0x00
No
No
0x70
+3.3V Low
Limit
R/W
7
6
5
4
3
2
1
0
0x00
No
No
0x71
+5V Low
Limit
R/W
7
6
5
4
3
2
1
0
0x00
No
No
0x72
Pin 23
Voltage
Low Limit
R/W
7
6
5
4
3
2
1
0
0x20
No
No
0x73
Pin 24
Voltage
Low Limit
R/W
7
6
5
4
3
2
1
0
0x00
No
No
0x74
Pin 25
Voltage
Low Limit
R/W
7
6
5
4
3
2
1
0
0x00
No
No
0x75
Pin 26
Voltage
Low Limit
R/W
7
6
5
4
3
2
1
0
0x80
No
No
0x76
+1.5V1
(ICH) Low
Limit
R/W
7
6
5
4
3
2
1
0
0x00
No
No
0x77
+1.5V2
(3GIO) Low
Limit
R/W
7
6
5
4
3
2
1
0
0x00
No
No
0x78
TACH1
Limit/VID
R/W
7
6
5
4
3
2
1
0
0xFF
No
Yes
0x79
TACH2
Limit
R/W
7
6
5
4
3
2
1
0
0xFF
No
Yes
0x7A
TACH3
Limit
R/W
7
6
5
4
3
2
1
0
0xFF
No
Yes
0x7B
TACH4
Limit
R/W
7
6
5
4
3
2
1
0
0xFF
No
Yes
0x7C
TACH5/+12
V1 High
Limit
R/W
7
6
5
4
3
2
1
0
0xFF
No
Yes
0x7D
TACH6/+12
V2 High
Limit
R/W
7
6
5
4
3
2
1
0
0xFF
No
Yes
0x7E
TACH7/+5V
High Limit
R/W
7
6
5
4
3
2
1
0
0xFF
No
Yes
0x7F
TACH8/+12
V3 High
Limit
R/W
7
6
5
4
3
2
1
0
0xFF
No
Yes
0x80
THERM1
Timer Limit
R/W
7
6
5
4
3
2
1
0
0xFF
No
Yes
0x81
THERM2
Timer Limit
R/W
7
6
5
4
3
2
1
0
0xFF
No
Yes
0x88
Local Temp
Value,
LSBs
R
7
6
5
4
3
2
1
0
0x00
No
No
0x89
Local Temp
Value,
MSBs
R
7
6
5
4
3
2
1
0
0x00
No
No
0x8A
Remote 1
Temp,
LSBs
R
7
6
5
4
3
2
1
0
0x00
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com