Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 41 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 41 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 45Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
ADT7462
http://onsemi.com
41
Figure 65. Chassis Airflow Issues
FAN
I/O CARDS
POOR CPU
AIRFLOW
VENTS
POWER
SUPPLY
CPU
DRIVE
BAYS
GOOD VENTING =
GOOD AIR EXCHANGE
POOR VENTING =
POOR AIR EXCHANGE
VENTS
FAN
I/O CARDS
GOOD CPU AIRFLOW
FAN
VENTS
POWER
SUPPLY
CPU
DRIVE
BAYS
• Worst−Case Processor Power Consumption
This data sheet maximum does not necessarily reflect
the true processor power consumption. Designing for
worst−case CPU power consumption can result in a
processor becoming over−cooled (generating excess
system noise).
• Worst−Case Peripheral Power Consumption
The tendency is to design to data sheet maximums for
peripheral components (again over−cooling the
system).
• Worst−Case Assembly
Every system manufactured is unique because of
manufacturing variations. Heat sinks may be loose
fitting or slightly misaligned. Too much or too little
thermal grease may be used. Variations in application
pressure for thermal interface material can affect the
efficiency of the thermal solution. Accounting for
manufacturing variations in every system is difficult;
therefore, the system must be designed for the
worst−case.
Figure 66. Thermal Model
SUBSTRATE
HEAT
SINK
THERMAL
INTERFACE
MATERIAL
INTEGRATED
HEAT
SPREADER
EPOXY
THERMAL INTERFACE MATERIAL
PROCESSOR
TA
TJ
θCA
θSA
θTIMS
θCTIM
θTIMC
θJTIM
θCS
TC
TTIM
TS
TTIM
θJA
Although a design usually accounts for worst−case
conditions in all these cases, the actual system is almost
never operated at worst−case conditions. The alternative to
designing for the worst case is to use the dynamic TMIN
control function.
Dynamic TMIN Control Overview
Dynamic TMIN control mode builds upon the basic
automatic fan control loop by adjusting the TMIN value
based on system performance and measured temperature.
This is important because, instead of designing for the worst
case, the system thermals can be defined as operating zones.
The ADT7462 can self−adjust its fan control loop to
maintain either an operating zone temperature or a system
target temperature. For example, it can be specified that
ambient temperature in a system be maintained at 50
°C. If
the temperature is below 50
°C, the fans might not need to run
or might run very slowly. If the temperature is higher than
50
°C, the fans need to throttle up.
The challenge presented by any thermal design is finding
the right settings to suit the system’s fan control solution.
This can involve designing for the worst case, followed by
weeks of system thermal characterization and, finally, fan
acoustic optimization (for psycho−acoustic reasons).
Obtaining the greatest benefit from the automatic fan
control mode involves characterizing the system to find the
best TMIN and TRANGE settings for the control loop and the
best PWMMIN value for the quietest fan speed setting. Using
the ADT7462 dynamic TMIN control mode, however,
shortens the characterization time and alleviates tweaking the
control loop settings, because the device can self−adjust
during system operation.
Dynamic TMIN control mode is operated by specifying the
operating zone temperatures required for the system.
Remote 1 and Remote 2 channels have dedicated operating
point registers. This allows the system thermal solution to be
broken down into distinct thermal zones. For example, CPU
operating temperature is 70
°C, VRM operating temperature
is 80
°C, and ambient operating temperature is 50°C. The
ADT7462 dynamically alters the control solution to
maintain each zone temperature as close as possible to its
target operating point.
Figure 67 shows an overview of the parameters that affect
the operation of the dynamic TMIN control loop.
Figure 67. Dynamic TMIN Control Loop
TLOW TMIN OPERATING
POINT
THIGH
TRANGE
TEMPERATURE
TTHERM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com