Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 77 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 77 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 73Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 74Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 75Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 76Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 77Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 78Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 79Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 80Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 81Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 77 / 81 page
background image
ADT7462
http://onsemi.com
77
Table 90. TACH Value Registers (Note 1)
Register Address
R/W
Description
POR Default
0x98
R
TACH1, LSB.
0xFF
0x99
R
TACH1, MSB.
0xFF
0x9A
R
TACH2, LSB.
0xFF
0x9B
R
TACH2, MSB.
0xFF
0x9C
R
TACH3, LSB.
0xFF
0x9D
R
TACH3, MSB.
0xFF
0x9E
R
TACH4, LSB.
0xFF
0x9F
R
TACH4, MSB.
0xFF
0xA2
R
TACH5, LSB.
0xFF
0xA3
R
TACH5, MSB/+12V1 voltage value register.
0xFF
0xA4
R
TACH6, LSB.
0xFF
0xA5
R
TACH6, MSB/+12V2 voltage value register.
0xFF
0xA6
R
TACH7, LSB.
0xFF
0xA7
R
TACH7, MSB/+5V voltage value register.
0xFF
0xA8
R
TACH8, LSB.
0xFF
0xA9
R
TACH8, MSB/+12V3 voltage value register.
0xFF
1. Lock = N, SW Reset = N.
Table 91. PWM Current Duty Cycle Registers (Note 1)
Register Address
R/W
Description
POR Default
0xAA
R/W
PWM1 current duty cycle.
0x00
0xAB
R/W
PWM2 current duty cycle.
0x00
0xAC
R/W
PWM3 current duty cycle.
0xC0
0xAD
R/W
PWM4 current duty cycle.
0x00
1. Lock = N, SW Reset = N.
Table 92. THERM Timer Value Registers (Note 1)
Register Address
R/W
Description
POR Default
0xAE
R
THERM1 timer % on−time value.
0x00
0xAF
R
THERM2 timer % on−time value.
0x00
1. Lock = N, SW Reset = N.
Table 93. Register 0xB8 — Host Thermal Status Register 1 (Note 1);
Register 0xC0 — BMC Thermal Status Register 1 (Note 1)
Bit
Name
R/W
Description
0
Reserved
R
Reserved for future use.
1
Local Temp
R
A 1 indicates that a local temperature limit has been tripped.
2
Remote 1 Temp
R
A 1 indicates that a Remote 1 temperature limit has been tripped.
3
Remote 2 Temp
R
A 1 indicates that a Remote 2 temperature limit has been tripped.
4
Remote 3 Temp
R
A 1 indicates that a Remote 3 temperature limit has been tripped.
5
Diode 1 Error
R
A 1 indicates that a Remote 1 diode error, either an open or a short, has occurred.
6
Diode 2 Error
R
A 1 indicates that a Remote 2 diode error, either an open or a short, has occurred.
7
Diode 3 Error
R
A 1 indicates that a Remote 3 diode error, either an open or a short, has occurred.
1. POR = 0x00, Lock = N, SW Reset = Y.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com