Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 78 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 78 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 73Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 74Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 75Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 76Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 77Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 78Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 79Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 80Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 81Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 78 / 81 page
background image
ADT7462
http://onsemi.com
78
Table 94. Register 0xB9 — Host Thermal Status Register 2 (Note 1);
Register 0xC1 — BMC Thermal Status Register 2 (Note 1)
Bit
Name
R/W
Description
0
THERM1 %
R
A 1 indicates that THERM1 has been asserted for longer than the programmed THERM1 timer
limit.
1
THERM1 Assert
R
A 1 indicates that THERM1 is asserted.
2
THERM1 State
R
A 1 indicates that a transition from high to low has taken place on the THERM1 pin.
3
THERM2 %
R
A 1 indicates that THERM2 has been asserted for longer than the programmed THERM2 timer
limit.
4
THERM2 Assert
R
A 1 indicates that THERM2 is asserted.
5
THERM2 State
R
A 1 indicates that a transition from high to low has taken place on the THERM2 pin.
6
VRD1_Assert
R
A 1 indicates that VRD1 is asserted.
7
VRD2_Assert
R
A 1 indicates that VRD2 is asserted.
1. POR = 0x00, Lock = N, SW Reset = Y.
Table 95. Register 0xBA — Host Thermal Status Register 3 (Note 1)
Bit
Name
R/W
Description
0
Local THERM1
R
A 1 indicates that the local THERM1 limit has been exceeded.
1
Remote 1
THERM1
R
A 1 indicates that the Remote 1 THERM1 limit has been exceeded.
2
Remote 2
THERM1
R
A 1 indicates that the Remote 2 THERM1 limit has been exceeded.
3
Remote 3
THERM1
R
A 1 indicates that the Remote 3 THERM1 limit has been exceeded.
4
Local THERM2
R
A 1 indicates that the Local THERM2 limit has been exceeded.
5
Remote 1
THERM2
R
A 1 indicates that the Remote 1 THERM2 limit has been exceeded.
6
Remote 2
THERM2
R
A 1 indicates that the Remote 2 THERM2 limit has been exceeded.
7
Remote 3
THERM2
R
A 1 indicates that the Remote 3 THERM2 limit has been exceeded.
1. POR = 0x00, Lock = N, SW Reset = Y.
Table 96. Register 0xBB — Host Voltage Status Register 1 (Note 1);
Register 0xC3 — BMC Voltage Register 1 (Note 1)
Bit
Name
R/W
Description
0
+12V1
R
A 1 indicates that a +12V1 voltage limit has been tripped.
1
+12V2
R
A 1 indicates that a +12V2 voltage limit has been tripped.
2
+12V3
R
A 1 indicates that a +12V3 voltage limit has been tripped.
3
+3.3V
R
A 1 indicates that a +3.3V voltage limit has been tripped.
4
Pin 15 Voltage
R
A 1 indicates that a Pin 15 voltage limit has been tripped.
5
Pin 19 Voltage
R
A 1 indicates that a Pin 19 voltage limit has been tripped.
6
+5V
R
A 1 indicates that a +5V voltage limit has been tripped.
7
Pin 23 Voltage
R
A 1 indicates that a Pin 23 voltage limit has been tripped.
1. POR = 0x00, Lock = N, SW Reset = Y.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com