Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 47 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 47 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 51Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 81 page
background image
ADT7462
http://onsemi.com
47
A ramp rate of 1 corresponds to one time slot, which is
1/255 of the PWM period. In enhanced acoustics mode,
incrementing or decrementing by 1 changes the PWM
output by 1/255
× 100%.
Step 11—Ramp Rate for Acoustic Enhancement
The optimal ramp rate for acoustic enhancement can be
found through system characterization after the thermal
optimization has been finished. The effect of each ramp rate
should be logged, if possible, to determine the best setting
for a given solution.
Enhanced Acoustics Register 1 (0x1A)
Bits [4:2] RR1 select the ramp rate for PWM1.
000 = 1 time slot = 35 seconds
001 = 2 time slots = 17.6 seconds
010 = 3 time slots = 11.8 seconds
011 = 5 time slots = 7 seconds
100 = 8 time slots = 4.4 seconds
101 = 12 time slots = 3 seconds
110 = 24 time slots = 1.6 seconds
111 = 48 time slots = 0.8 seconds
Bits [7:5] RR2 select the ramp rate for PWM2.
000 = 1 time slot = 35 seconds
001 = 2 time slots = 17.6 seconds
010 = 3 time slots = 11.8 seconds
011 = 5 time slots = 7 seconds
100 = 8 time slots = 4.4 seconds
101 = 12 time slots = 3 seconds
110 = 24 time slots = 1.6 seconds
111 = 48 time slots = 0.8 seconds
Enhanced Acoustics Register 2 (0x1B)
Bits [4:2] RR3 select the ramp rate for PWM3.
000 = 1 time slot = 35 seconds
001 = 2 time slots = 17.6 seconds
010 = 3 time slots = 11.8 seconds
011 = 5 time slots = 7 seconds
100 = 8 time slots = 4.4 seconds
101 = 12 time slots = 3 seconds
110 = 24 time slots = 1.6 seconds
111 = 48 time slots = 0.8 seconds
Bits [7:5] RR4 select the ramp rate for PWM4.
000 = 1 time slot = 35 seconds
001 = 2 time slots = 17.6 seconds
010 = 3 time slots = 11.8 seconds
011 = 5 time slots = 7 seconds
100 = 8 time slots = 4.4 seconds
101 = 12 time slots = 3 seconds
110 = 24 time slots = 1.6 seconds
111 = 48 time slots = 0.8 seconds
Another way to view the ramp rates is to measure the time
it takes for the PWM output to ramp up from 0% to 100%
duty cycle for an instantaneous change in temperature. This
can be tested by putting the ADT7462 into manual mode and
changing the PWM output from 0% to 100% PWM duty
cycle. The PWM output takes 35 seconds to reach 100%
when a ramp rate of one time slot is selected.
Figure 77 shows remote temperature plotted against PWM
duty cycle for enhanced acoustics mode. The ramp rate is set
to 48, which corresponds to the fastest ramp rate. Assume that
a new temperature reading is available every 115 ms. With
these settings, it takes approximately 0.76 seconds to go from
33% duty cycle to 100% duty cycle (full speed). Even though
the temperature increases very rapidly, the fan ramps up to
full speed gradually.
Figure 77. Enhanced Acoustics Mode with Ramp
Rate = 48
TIME (s)
140
0
0.76
120
100
80
60
40
20
0
120
100
40
20
0
RTEMP (5C)
PWM CYCLE (%)
80
60
Figure 78 shows how changing the ramp rate from 48 to
8 affects the control loop. The overall response of the fan is
slower. Because the ramp rate is reduced, it takes longer for
the fan to achieve full running speed. In this case, it takes
approximately 4.4 seconds for the fan to reach full speed.
Figure 78. Enhanced Acoustics Mode with Ramp
Rate = 8
TIME (s)
120
0
4.4
140
120
100
80
60
40
0
20
100
80
60
40
20
0
RTEMP (5C)
PWM DUTY CYCLE (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com