Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 64 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 64 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 60Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 63Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 64Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 65Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 66Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 67Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 68Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 81 page
background image
ADT7462
http://onsemi.com
64
Table 42. Register 0x0E — THERM1 Configuration Register (Note 1)
Bit
Name
R/W
Description
0
THERM1 Timer
Enable
R/W
Enables the THERM1 timer circuit. Default = 0.
1
THERM1_Local
R/W
Setting the bit to 1 means that the THERM1 pin is asserted low as an output whenever the
local temperature exceeds the local THERM1 temperature limit. Default = 0.
2
THERM1_
Remote 1
R/W
Setting the bit to 1 means that the THERM1 pin is asserted low as an output whenever the
Remote 1 temperature exceeds the Remote 1 THERM1 temperature limit. Default = 0.
3
THERM1_
Remote 2
R/W
Setting the bit to 1 means that the THERM1 pin is asserted low as an output whenever the
Remote 2 temperature exceeds the Remote 2 THERM1 temperature limit. Default = 0.
4
THERM1_
Remote 3
R/W
Setting the bit to 1 means that the THERM1 pin is asserted low as an output whenever the
Remote 3 temperature exceeds the Remote 3 THERM1 temperature limit. Default = 0.
[7:5]
Reserved
R
Reserved for future use.
1. POR = 0x00, Lock = Y, SW Reset = Y.
Table 43. Register 0x0F — THERM2 Configuration Register (Note 1)
Bit
Name
R/W
Description
0
THERM2
Timer Enable
R/W
Enables the THERM2 timer circuit. Default = 0.
1
THERM2_Local
R/W
Setting the bit to 1 means that the THERM2 pin is asserted low as an output whenever the
local temperature exceeds the local THERM2 temperature limit. Default = 0.
2
THERM2_
Remote 1
R/W
Setting the bit to 1 means that the THERM2 pin is asserted low as an output whenever the
Remote 1 temperature exceeds the Remote 1 THERM2 temperature limit. Default = 0.
3
THERM2_
Remote 2
R/W
Setting the bit to 1 means that the THERM2 pin is asserted low as an output whenever the
Remote 2 temperature exceeds the Remote 2 THERM2 temperature limit. Default = 0.
4
THERM2_
Remote 3
R/W
Setting the bit to 1 means that the THERM2 pin is asserted low as an output whenever the
Remote 3 temperature exceeds the Remote 3 THERM2 temperature limit. Default = 0.
[7:5]
Reserved
R
Reserved for future use.
1. POR = 0x00, Lock = Y, SW Reset = Y.
Table 44. Register 0x10 — Pin Configuration Register 1 (Note 1)
Bit
Name
R/W
Description
0
Pin 7
R/W
0 = +12V1; 1 = TACH5 input. Default =1.
1
Pin 4
R/W
0 = GPIO4; 1= TACH4 input (that is, if the VIDs are not selected). Default = 1.
2
Pin 3
R/W
0 = GPIO3; 1= TACH3 input (that is, if the VIDs are not selected). Default = 1.
3
Pin 2
R/W
0 = GPIO2; 1= TACH2 input (that is, if the VIDs are not selected). Default = 1.
4
Pin 1
R/W
0 = GPIO1; 1= TACH1 input (that is, if the VIDs are not selected). Default = 1.
5
Diode 3
R/W
1 enables the D3+ and D3− inputs on Pin 19 and Pin 20. 0 enables the voltage measurement
input and SCSI_TERM2 input. Default = 1.
6
Diode 1
R/W
1 enables the D1+ and D1− inputs on Pin 15 and Pin 16. 0 enables the voltage measurement
input and SCSI_TERM1 input. Default = 1.
7
VIDs
R/W
Setting this bit to 1 enables the VIDs on Pin 1 to Pin 4, Pin 28, Pin 31, and Pin 32. Default = 0.
1. POR = 0x7F, Lock = Y, SW Reset = Y.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com