Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 59 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 59 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 55Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 56Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 57Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 58Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 60Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 63Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 81 page
background image
ADT7462
http://onsemi.com
59
Table 30. Register Map
Addr
Lock
able
SW
Reset
De−
fault
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
R/W
Description
0xA5
TACH6
MSB/+12V
2 Voltage
R
7
6
5
4
3
2
1
0
0xFF
No
No
0xA6
TACH7
Value, LSB
R
7
6
5
4
3
2
1
0
0xFF
No
No
0xA7
TACH7
MSB/+5V
Voltage
R
7
6
5
4
3
2
1
0
0xFF
No
No
0xA8
TACH8
Value, LSB
R
7
6
5
4
3
2
1
0
0xFF
No
No
0xA9
TACH8
MSB/+12V
3 Voltage
R
7
6
5
4
3
2
1
0
0xFF
No
No
0xAA
PWM1
Duty Cycle
R/W
7
6
5
4
3
2
1
0
0x00
No
No
0xAB
PWM2
Duty Cycle
R/W
7
6
5
4
3
2
1
0
0x00
No
No
0xAC
PWM3
Duty Cycle
R/W
7
6
5
4
3
2
1
0
0xC0
No
No
0xAD
PWM4
Duty Cycle
R/W
7
6
5
4
3
2
1
0
0x00
No
No
0xAE
THERM1
%On−Time
R
7
6
5
4
3
2
1
0
0x00
No
No
0xAF
THERM2
%On−Time
R
7
6
5
4
3
2
1
0
0x00
No
No
0xB8
Thermal
Status 1,
Host
R
R3D
R2D
R1D
R3
R2
R1
Local
Res
0x00
Yes
No
0xB9
Thermal
Status 2,
Host
R
VR2
VR1
T2S
T2A
T2%
T1S
T1A
T1%
0x00
Yes
No
0xBA
Thermal
Status 3,
Host
R
R3T2
R2T2
R1T2
LT2
R3T1
R2T1
R1T1
LT1
0x00
Yes
No
0xBB
Voltage
Status 1,
Host
R
Pin 23
+5V
Pin 19
Pin 15
+3.3V
+12V3
+12V2
+12V1
0x00
Yes
No
0xBC
Voltage
Status 2,
Host
R
+1.5V1
(ICH)
+1.5V2
(3GIO)
Pin 26
Pin 25
Pin 24
Res
Res
Res
0x00
Yes
No
0xBD
Fan Status,
Host
R
Fan 8
Fan 7
Fan 6
Fan 5
Fan 4
Fan 3
Fan 2
Fan 1
0x00
Yes
No
0xBE
Digital
Status,
Host
R
CI
VID
SCSI2
SCSI1
FAN2MAX
Res
Res
Res
0x00
Yes
No
0xBF
GPIO
Status,
Host
R/W
GPIO8
GPIO7
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
0x00
Yes
No
0xC0
Thermal
Status 1,
BMC
R
R3D
R2D
R1D
R3
R2
R1
Local
Res
0x00
Yes
No
0xC1
Thermal
Status 2,
BMC
R
VR2
VR1
T2S
T2A
T2%
T1S
T1A
T1%
0x00
Yes
No
0xC3
Voltage
Status 1,
BMC
R
Pin 23
+5V
Pin 19
Pin 15
+3.3V
+12V3
+12V2
+12V1
0x00
Yes
No
0xC4
Voltage
Status 2,
BMC
R
+1.5V1
(ICH)
+1.5V2
(3GIO)
Pin 26
Pin 25
Pin 24
Res
Res
Res
0x00
Yes
No
0xC5
Fan Status,
BMC
R
Fan 8
Fan 7
Fan 6
Fan 5
Fan 4
Fan 3
Fan 2
Fan 1
0x00
Yes
No
0xC6
Digital
Status,
BMC
R
CI
VID
SCSI2
SCSI1
FAN2MAX
Res
Res
Res
0x00
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com