Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 50 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 50 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 54Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 81 page
background image
ADT7462
http://onsemi.com
50
(0xB9) are set to Logic 1 whenever the THERM input is
asserted low. The THERM state bits in Host Thermal Status
Register 2 (0xB9) indicate that a high−to−low transition has
taken place on the THERM pin.
Figure 83. THERM Behavior
1005C
905C
805C
705C
605C
505C
405C
TEMPERATURE
HIGH TEMP LIMIT
1
3
2
4
RESET BY MASTER
THERM
ALERT
THERM LIMIT
THERM LIMIT
HYSTERESIS
THERM Timer
The ADT7462 can also measure assertion times on the
THERM inputs as a percentage of a timer window. The timer
window for the THERM1 input is programmed using Bits
[4:2] of the THERM configuration register (0x0D). The
timer window for the THERM2 input is programmed using
Bits [7:5] of the THERM configuration register (0x0D).
Values from 0.25 sec to 8 sec are programmable (see
Table 27).
Table 27. THERM Timer Window
Code
THERM Timer Window
000
0.25 sec
001
0.5 sec
010
1 sec
011
2 sec
100
4 sec
101
8 sec
110
8 sec
111
8 sec
The assertion time as a percentage of the timer window is
stored in the THERM % on−time registers. This is a
cumulative sum of the percentage of time during the
THERM timer window that THERM is asserted. The %
on−time and associated timer limit registers are listed in
Table 28.
Table 28. THERM On−Time and Timer Limit Register
Channel
% On−Time Register
% Timer Limit Register
THERM1
0xAE
0x80
THERM2
0xAF
0x81
When
the
measured
percentage
exceeds
the
corresponding percentage limit, the T1% bit in Host
Thermal Status Register 2 (0xB9) is asserted, and an ALERT
is generated (that is, if the mask bit is not set). If the limit is
set to 0x00, an ALERT is generated on the first assertion. If
the limit is set to 0xFF, an ALERT is never generated
because 0xFF corresponds to the THERM input being
asserted all the time.
When THERM is configured as an input only, setting Bits
[4:1] of the THERM zone in the THERM1 configuration
register (0x0E) and the THERM2 configuration register
(0x0F) allows Pin 28/Pin 29 to operate as an I/O.
THERM Timer Limit Register
The THERM timer limit is programmed to Register 0x80
and Register 0x81. If THERM is asserted for longer than the
programmed percentage limit, then an ALERT is generated.
The limit is programmed as a percentage of the chosen
THERM timer window.
EXAMPLE: The THERM timer window is eight seconds,
and an ALERT should be generated if THERM is asserted
for more than one second.
%Limit + 18 100 + 12.5%
The THERM timer limit register is an 8−bit register.
0
00 + 0%; 0
FF + 100%
Therefore, 1 LSB = 0.39%
12.5%
0.39% +
32 decimal + 0
20 + 00100000
When the time window has elapsed, if the THERM limit
has been exceeded, then an ALERT is generated.
General−Purpose I/O Pins
The ADT7462 has eight open−drain GPIO pins. GPIO1 to
GPIO4 can be configured to enable event driven outputs
(EDOs), and GPIO5 and GPIO6 can act as EDOs, if the EDO
functionality is enabled. Two other GPIOs (GPIO7 and
GPIO8) are standard GPIO pins that are dedicated to
general−purpose logic input/output.
Each GPIO pin has five data bits associated with it: three
bits in a GPIO configuration register (0x09 and 0x0A), one
in the GPIO status register (0xBF), and one in the GPIO
mask register (0x36).
Setting a direction bit to 1 in a GPIO configuration register
makes the corresponding GPIO pin an output.
Clearing the direction bit to 0 makes the corresponding
GPIO pin an input.
Setting a polarity bit to 1 in a GPIO configuration register
makes the corresponding GPIO pin active high.
Clearing the polarity bit to 0 makes the corresponding
GPIO pin active low.
When a GPIO pin is configured as an input, the
corresponding bit in the GPIO status register is read−only,
and it is set when the input is asserted (“asserted” can be high
or low, depending on the setting of the polarity bit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com