Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 23 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
ADT7462
http://onsemi.com
23
Voltage Measurement and Limit Registers
The corresponding register locations for voltage
measurements are listed in Table 13. Each voltage
measurement channel has a high and low voltage limit
associated with it. The voltage measurements are compared
with these limits. The results of these comparisons are stored
in status registers. A Logic 0 indicates an in−limit condition,
and a Logic 1 indicates an out−of−limit condition. The
ADT7462 can generate an ALERT, if configured to do so,
when a status bit is set. For more information on the status
registers and ALERT, see the Status and Mask Registers
ALERT section. A complete list of all the high and low
voltage limits in the ADT7462 and their default values is
contained in Table 13.
Table 13. Voltage Value and Limit Registers
Low Limit
High Limit
Voltage Value
Pin No.
Value Register Address
Register
Default
Register
Default
+12V1
7
0xA3
0x6D
0x00
0x7C
0xFF
+12V2
8
0xA5
0x6E
0x00
0x7D
0xFF
+3.3V
13
0x96
0x70
0x00
0x68
0xFF
+1.8V or +2.5V
15
0x8B
0x45
0x40
0x49
0x95
+1.25V or +0.9V
19
0x8F
0x47
0x40
0x4B
0x95
+5V
21
0xA7
0x71
0x00
0x7E
0xFF
+12V3
22
0xA9
0x6F
0x00
0x7F
0xFF
VCCP1, +1.5V, +1.8V, +2.5V
23
0x90
0x72
0x20
0x69
0xFF
VCCP2, +1.5V, +1.8V, +2.5V
24
0x91
0x73
0x00
0x6A
0xFF
+1.2V1 (GBIT) or +3.3V
25
0x92
0x74
0x00
0x6B
0xFF
+1.2V2 (FSB_VTT) or VBATT
26
0x93
0x75
0x80
0x6C
0xFF
+1.5V1 (ICH)
28
0x94
0x76
0x00
0x50
0xA4
+1.5V2 (3GIO)
29
0x95
0x77
0x00
0x4C
0xA4
Battery Measurement Input (VBATT)
The VBATT input allows the condition of a CMOS backup
battery to be monitored. This is typically a lithium coin cell,
such as a CR2032. The VBATT input is accurate only for
voltages greater than 1.2 V. Note that when Pin 26 is
configured as a +1.2V input, voltages lower than 1.2 V are
not accurately measured. Input voltage and corresponding
voltage measured are shown in Figure 16.
Typically, the battery in a system is required to keep some
devices powered on when the system is in a powered−off
state. The VBATT measurement input is designed to minimize
battery drain. To reduce current drain from the battery, the
lower resistor of the VBATT attenuator is not connected,
except when a VBATT measurement is being made. The total
current drain on the VBATT pin is 80 nA typical (for a
maximum VBATT voltage = 4.0 V), so a CR2032 CMOS
battery functions in a system in excess of the expected 10
years. Note that when a VBATT measurement is not being
made, the current drain is reduced to 16 nA typical. Under
normal voltage measurement operating conditions, all
measurements are made in a round−robin format, and each
reading is actually the result of 16 digitally averaged
measurements. However, averaging is not carried out on the
VBATT measurement to reduce measurement time and,
therefore, reduce the current drain from the battery.
The VBATT current drain when a measurement is being
made is calculated by:
I +
VBATT
100 kW
tpulse
tperiod
where:
tPULSE is the VBATT measurement time (~711 ms typical).
tPERIOD is the time required to measure all analog inputs.
Monitoring cycle time depends on the ADT7462
configuration. Calculating the monitoring cycle time is
described in more detail in the ADC Information section.
VBATT Input Battery Protection
In addition to minimizing battery current drain, the VBATT
measurement circuitry is specifically designed with battery
protection in mind. Internal circuitry prevents the battery
from being back−biased by the ADT7462 supply or through
any other path under normal operating conditions. In the
unlikely event of a catastrophic ADT7462 failure, the
ADT7462 includes a second level of battery protection,
including a series 3 k
W resistor to limit current to the battery,
as recommended by UL (see Figure 37). Thus, it is not
necessary to add a series resistor between the battery and the
VBATT input; the battery can be connected directly to the
VBATT input to improve voltage measurement accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com