Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 65 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 65 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 63Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 64Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 65Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 66Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 67Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 68Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 69Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
ADT7462
http://onsemi.com
65
Table 45. Register 0x11 — Pin Configuration Register 2 (Note 1)
Bit
Name
R/W
Description
[1:0]
Pin 23
R/W
00 = VCCP1 selected.
01 = +2.5V.
10 = +1.8V (default).
11 = +1.5V.
2
Pin 22
R/W
0 = +12V3; 1 = TACH8. Default = 1.
3
Pin 21
R/W
0 = +5V; 1 = TACH7. Default = 1.
4
Pin 19
R/W
0 = +1.25V; 1 = +0.9V (that is, if RT3 is not selected). Default = 0.
5
Pin 15
R/W
0 = +2.5V, 1 = +1.8V (that is, if RT1 is not selected). Default = 0.
6
Pin 13
R/W
0 = +3.3V; 1 = PWM4. Default = 1.
7
Pin 8
R/W
0 = +12V2; 1 = TACH6. Default = 1.
1. POR = 0xCE, Lock = Y, SW Reset = Y.
Table 46. Register 0x12 — Pin Configuration Register 3 (Note 1)
Bit
Name
R/W
Description
0
Reserved
R
Reserved for future use.
1
Pin 27
R/W
0 = FAN2MAX; 1 = chassis intrusion (default).
[3:2]
Pin 26
R/W
00 = VBATT selected (default).
01 = +1.2V2 (FSB_VTT).
10 = VR_HOT2.
11 = VR_HOT2.
[5:4]
Pin 25
R/W
00 = +3.3V selected (default).
01 = +1.2V1 (GBIT).
10 = VR_HOT1.
11 = VR_HOT1.
[7:6]
Pin 24
R/W
00 = VCCP2 selected.
01 = +2.5V (default).
10 = +1.8V.
11 = +1.5V.
1. POR = 0x42, Lock = Y, SW Reset = Y.
Table 47. Register 0x13 — Pin Configuration Register 4 (Note 1)
Bit
Name
R/W
Description
[1:0]
Reserved
R
Reserved.
2
Pin 32
R/W
0 = GPIO6; 1 = PWM2 (Pin 32 is VID5 if VIDs are selected). Default = 1.
3
Pin 31
R/W
0 = GPIO5; 1 = PWM1 (Pin 31 is VID4 if VIDs are selected). Default = 1.
[5:4]
Pin 29 (Pin 28,
+1.5V
Monitoring)
(Note 2)
R/W
00 = GPIO8.
01 = +1.5V (measured on Pin 28).
10 = THERM2.
11 = THERM2 (default).(Pin 28 is VID6 if VIDs are selected.)
[7:6]
Pin 28 (Pin 29,
+1.5V
Monitoring)
(Note 3)
R/W
00 = GPIO7.
01 = +1.5V (measured on Pin 29).
10 = THERM1.
11 = THERM1 (default).
1. POR = 0xFC, Lock = Y, SW Reset = Y.
2. +1.5V can be monitored on Pin 28 and 29 only when both are configured as +1.5V inputs. This means that +1.5V is measured on both pins
or on neither. +1.5V monitoring cannot be combined with another function on the other pin. For example, if Pin 29 is configured as +1.5V,
then THERM1 cannot be selected on Pin 28, because they share the same selection bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com