Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 27 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 27 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 81 page
background image
ADT7462
http://onsemi.com
27
Figure 39. Driving a 2−Wire Fan
ADT7462
PWM
TACH
5.0 V or
12 V FAN
Q1
NDT3055L
3.3 V
+V
10 kΩ
TYPICAL
1N4148
0.01 mF
RSENSE
2 Ω
TYPICAL
Using the ADT7462 with 3−Wire Fans
Figure 40 shows the most typical circuit used with a
3−wire fan.
Figure 40. Driving a 3−Wire Fan
ADT7462
TACH/AIN
PWM
12 V
FAN
Q1
NDT3055L
3.3 V
12 V
12 V
1N4148
10 kΩ
10 kΩ
10 kΩ
4.7 kΩ
The external circuitry required is very simple. A
MOSFET, such as the NDT3055L, is used as the pass device.
The specifications of the MOSFET depend on the maximum
current required by the fan being driven. A typical PC fan
can draw a nominal current ranging from a few hundred
milliamps to over an amp of current. Depending on the
current rating of the fan, a SOT device can be used where
board space is a concern. If several fans in parallel are driven
from a single PWM output or if larger server fans are driven,
the MOSFET must handle the higher current requirements.
The only other stipulation is that the MOSFET should have
a gate voltage drive, VGS < 3.3 V, for direct interfacing to the
PWM pins. VGS can be greater than 3.3 V as long as the
pullup on the gate is tied to 5.0 V. The MOSFET should also
have a low on resistance to ensure that there is not a
significant voltage drop across the FET, which would reduce
the voltage applied across the fan and reduce the full speed
of the fan.
Figure 40 uses a 10 k
W pullup resistor for the TACH
signal. This assumes that the TACH signal is an
open−collector from the fan. In all cases, the TACH signal
from the fan must be kept below 5.0 V maximum to prevent
damaging the ADT7462. If in doubt as to whether the fan
used has an open−collector or totem−pole TACH output, use
one of the input signal conditioning circuits shown in the Fan
Speed Measurement section.
Driving a 3−wire fan with a PWM signal makes the fan
speed measurement more difficult because the TACH signal
is chopped by the PWM drive signal. Pulse stretching is
required in this case to make accurate fan speed
measurements. For more information, see the Fan Speed
Measurement section.
Using the ADT7462 with 4−Wire Fans
Figure 41 shows the most typical circuit used with 4−wire
fans.
Figure 41. Driving a 4−Wire Fan
ADT7462
TACH
PWM
12 V, 4−WIRE FAN
3.3 V or 5.0 V
12 V
VCC
TACH
TACH
PWM
2 kΩ
10 kΩ
10 kΩ
4.7 kΩ
12 V
Because the electronics in a 4−wire fan are powered
continuously, unlike previous PWM driven/powered fans,
4−wire fans tend to perform better than 3−wire fans,
especially for high frequency applications. 4−wire frames
also eliminate the requirement for pulse stretching, because
the TACH signal is always available.
Driving Two Fans from Each PWM
Note that the ADT7462 has up to eight TACH inputs
available for fan speed measurement, but only four PWM
drive outputs. If all eight fans are being used in the system,
two fans should be driven in parallel from each PWM
output. Figure 42 shows how to drive two fans in parallel
using the NDT3055L MOSFET. This information is
relevant for low frequency mode only (2−wire and 3−wire
fans), because the PWM and TACHs need to be
synchronized to obtain accurate fan speed measurements
using pulse stretching (see the Fan Speed Measurement with
Pulse Stretching section). In high frequency mode and when
using 4−wire fans, the TACH signal is always valid because
the fan is always powered on.
Note that because the MOSFET can handle up to 3.5 A, it
is simply a matter of connecting another fan directly in
parallel with the first. Care should be taken in designing
drive circuits with transistors and FETs to ensure that the
PWM pins are not required to source current and that they
sink less than the 8 mA maximum current specified on the
MOSFET data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com