Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 25 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 25 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 81 page
background image
ADT7462
http://onsemi.com
25
voltage applied to the CPU to ensure that they match within
an acceptable range. This acceptable range is programmable
in the ADT7462.
The VID lines are monitored by the ADT7462, and the
VID code is stored in the VID Value register (0x97), which
can be read back over the SMBus.
VID monitoring is enabled by setting Bit 7 (VIDs) of Pin
Configuration Register 1 (0x10) to 1. See Table 17 and
Table 18 for information on which pin should be connected
to each VID line. When VID monitoring is enabled, all seven
pins are automatically configured as VID inputs. It is not
possible to select six pins as VID inputs and use the
remaining pin as an alternate function.
VID Value Register (0x97)
Bit 0 = VID0 (reflects the logic state of Pin 1)
Bit 1 = VID1 (reflects the logic state of Pin 2)
Bit 2 = VID2 (reflects the logic state of Pin 3)
Bit 3 = VID3 (reflects the logic state of Pin 4)
Bit 4 = VID4 (reflects the logic state of Pin 31)
Bit 5 = VID5 (reflects the logic state of Pin 32)
Bit 6 = VID6 (reflects the logic state of Pin 28)
The ADT7462 supports both the VR10 and the VR11
specifications. The default option supports the VR10
specification. To switch to the VR11 specification, set Bit 6
of Configuration Register 0 (0x00) to 1. VR11 is defined as
eight bits; the ADT7462 monitors only seven VID lines (see
Table 17).
Table 17. VR11 VID Codes
VID Number
Pin No.
Voltage
VID6
28
400 mV
VID5
32
200 mV
VID4
31
100 mV
VID3
4
50 mV
VID2
3
25 mV
VID1
2
12.5 mV
VID0
1
6.25 mV
VR10 requires only six VID lines (see Table 18). Pin 28
should be connected to ground when monitoring VR10 VID
codes. VID6 reports a 0.
Table 18. VR10 VID Codes
VID Number
Pin No.
Voltage
VID6
28
Unused, connect to GND
VID5
32
12.5 mV
VID4
31
400 mV
VID3
4
200 mV
VID2
3
100 mV
VID1
2
60 mV
VID0
1
25 mV
Dynamic VID Monitoring
The ADT7462 supports dynamic VID monitoring. The
purpose of the VID code is to tell the voltage controller what
VCCP voltage should be applied to the CPU. The VCCP
voltage applied to the processor changes as the power
requirements of the processor change. The VID is compared
with VCCP1 only. Note that when the VIDs are enabled, the
LSB value for VCCP1 becomes 0.0125 V (see Table 12).
The VID values can represent voltages from 0.8375 V to
1.6 V. The VID code is sampled by the ADT7462 every
11
ms and is stored in Register 0x97. Once the VID code has
been stable (that is, does not change) for 55
ms, the measured
VCCP is then compared with the VID code. The comparison
table used is for either the VR10 or the VR11 specification
(set by Bit 6 of Register 0x00). If the VID code and the
measured VCCP do not match within a certain limit, an
ALERT is generated.
The VID value decoded and the VCCP measurement must
be within a window controlled by the VID high and low
limits. The VID is compared with VCCP1 only. Register 0x78
holds the 4−bit VID high and low limits. The high limit has
a range of 0 mV to 375 mV with a resolution of 25 mV (four
bits). The low limit has a range of 0 mV to −187.5 mV with
a resolution of 12.5 mV (four bits). The high limit is used in
a greater−than comparison, and the low limit is used in a
less−than−or−equal−tocomparison. Note that if both limits
are set to 0x00, because the low limit is less than or equal to
the comparison, an ALERT always results. Therefore, the
minimum value for low limit is 0x01.
If the VCCP voltage measured and the VID code do not
match to within the programmed limit, Status Bit 6 of the
digital status register is set (Register 0xBE). This, in turn,
can generate an ALERT if it is not masked.
Example
VID high limit: 100 mV (Register 0x78), four MSBs set to
0100.
VID low limit: 50 mV (Register 0x78), four LSBs set to 0100.
VID value equates to 1.1 V. This is the read VID decoded,
using either VR10 or VR11 tables.
VCCP1 must be in the window of 1.05 V to 1.2 V. If the
VCCP1 value is outside this window, the status bit is set and
an ALERT is generated.
To clear an ALERT generated in this way, read the digital
status register. If the VID code and VCCP are now matching
within the programmed window (that is, the error condition
that caused the ALERT has gone away), then the status bit
is reset and so is the ALERT.
The VID to VCCP voltage tables for both VR10 and VR11
can be found on the Intel website. See the Voltage Regulator
Module (VRM) and Enterprise Voltage Regulator−Down
(EVRD) 10.0 Design Guidelines, Page 18 and Page 19, for
additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com