Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 42 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 42 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 46Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 81 page
background image
ADT7462
http://onsemi.com
42
Table 24 provides a brief description of each parameter.
Table 24. TMIN Control Loop Parameters
Parameter
Description
TLOW
If the temperature drops below the TLOW limit,
an error flag is set in a status register and an
SMBALERT interrupt can be generated.
THIGH
If the temperature exceeds the THIGH limit, an
error flag is set in a status register and an
SMBALERT interrupt can be generated.
TMIN
The temperature at which the fan turns on
under automatic fan speed control.
Operating
Point
The maximum target temperature for a
particular temperature zone. The system
attempts to maintain system temperature
around the operating point by adjusting the
TMIN parameter of the control loop.
TTHERM
If the temperature exceeds this critical limit, the
fans can be run at 100% for maximum cooling.
TRANGE
Programs the PWM duty cycle vs. temperature
control slope.
Dynamic TMIN Control Programming
Because the dynamic TMIN control mode is a basic
extension of the automatic fan control mode, the automatic
fan control mode parameters should be programmed first
(see Step 1 − Configuring the MUX through Step 8 −
Operating Points for Temperature Channels). Then proceed
with dynamic TMIN control mode programming.
Step 8—Operating Points for Temperature Channels
The operating point for each temperature channel is the
optimal temperature for that thermal zone. The hotter each
zone is allowed to be, the quieter the system, because the fans
are not required to run as fast. The ADT7462 increases or
decreases fan speeds as necessary to maintain the operating
point temperature, allowing for system−to−system variation
and removing the need for worst−case design. If a sensible
operating point value is chosen, any TMIN value can be
selected in the system characterization. If the TMIN value is
too low, the fans run sooner than required, and the
temperature is below the operating point. In response, the
ADT7462 increases TMIN to keep the fans off longer and to
allow the temperature zone to get closer to the operating
point. Likewise, too high a TMIN value causes the operating
point to be exceeded, and in turn, the ADT7462 reduces TMIN
to turn the fans on sooner to cool the system.
Programming the Operating Point Registers
There are two operating point registers, one for the
Remote 1 temperature channel and one for the Remote 2
temperature channel. These 8−bit registers allow the
operating point temperatures to be programmed with 1
°C
resolution.
Operating Point Registers
Register 0x5A, Remote 1 Operating Point = 0xA4
(100
°C default)
Register 0x5B, Remote 2 Operating Point = 0xA4
(100
°C default)
Operating Point Hysteresis Register
The operating point hysteresis register sets the value
below the operating point at which TMIN begins to reduce.
Register 0x64, Bits [7:4] Operating Point Hysteresis = 0x40
(4
°C default)
Step 9—High and Low Limits for Temperature
Channels
The low limit defines the temperature at which the TMIN
value starts to be increased, if temperature falls below this
value. This has the net effect of reducing the fan speed,
allowing the system to get hotter. An interrupt can be
generated when the temperature drops below the low limit.
The high limit should be set above the operating point but
below the critical THERM point. An interrupt can be
generated when the temperature rises above the high limit.
How Dynamic TMIN Control Works
The basic operation of dynamic TMIN control is as
follows:
1. Set the target temperature for the temperature
zone, which could be, for example, the Remote 1
thermal diode. This value is programmed to the
Remote 1 operating point register.
2. As the temperature in that zone rises toward and
exceeds the operating point temperature minus
hysteresis, TMIN is reduced and fan speed
increases.
3. As the temperature drops below the low limit
value, TMIN is increased and the fan speed is
reduced.
Short Cycle and Long Cycle
The ADT7462 implements two loops: a short (or
decrease) cycle and a long (or increase) cycle. The short
cycle takes place every n monitoring cycles. The long cycle
takes place every 2n monitoring cycles. The value of n is
programmable for each temperature channel. The bits are
located at the following register locations.
Dynamic TMIN Control Register 2 (0x0C)
Bits [2:0] (CYR1) = Remote 1
Bits [5:3] (CYR2) = Remote 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com