Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 68 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 68 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 64Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 65Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 66Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 67Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 68Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 69Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 70Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 71Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 72Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 81 page
background image
ADT7462
http://onsemi.com
68
Table 54. Register 0x1C — Fan Freewheeling Test (Note 1)
Bit
Name
R/W
Description
0
Test Fan 1
R/W
Fan freewheeling test bit for Fan 1. This bit self−clears when the test is complete.
1
Test Fan 2
R/W
Fan freewheeling test bit for Fan 2. This bit self−clears when the test is complete.
2
Test Fan 3
R/W
Fan freewheeling test bit for Fan 3. This bit self−clears when the test is complete.
3
Test Fan 4
R/W
Fan freewheeling test bit for Fan 4. This bit self−clears when the test is complete.
4
Test Fan 5
R/W
Fan freewheeling test bit for Fan 5. This bit self−clears when the test is complete.
5
Test Fan 6
R/W
Fan freewheeling test bit for Fan 6. This bit self−clears when the test is complete.
6
Test Fan 7
R/W
Fan freewheeling test bit for Fan 7. This bit self−clears when the test is complete.
7
Test Fan 8
R/W
Fan freewheeling test bit for Fan 8. This bit self−clears when the test is complete.
1. POR = 0x00, Lock = Y, SW Reset = Y.
Table 55. Register 0x1D — Fans Present (Note 1)
Bit
Name
R/W
Description
0
Fan 1 Present
R/W
Set this bit to 1 when Fan 1 is present.
1
Fan 2 Present
R/W
Set this bit to 1 when Fan 2 is present.
2
Fan 3 Present
R/W
Set this bit to 1 when Fan 3 is present.
3
Fan 4 Present
R/W
Set this bit to 1 when Fan 4 is present.
4
Fan 5 Present
R/W
Set this bit to 1 when Fan 5 is present.
5
Fan 6 Present
R/W
Set this bit to 1 when Fan 6 is present.
6
Fan 7 Present
R/W
Set this bit to 1 when Fan 7 is present.
7
Fan 8 Present
R/W
Set this bit to 1 when Fan 8 is present.
1. POR = 0x00, Lock = Y, SW Reset = Y.
Table 56. Register 0x1E — Fan Freewheeling Test Enable (Note 1)
Bit
Name
R/W
Description
0
Test Fan 1
R/W
Setting this bit to 1 enables the fan freewheeling test for Fan 1.
1
Test Fan 2
R/W
Setting this bit to 1 enables the fan freewheeling test for Fan 2.
2
Test Fan 3
R/W
Setting this bit to 1 enables the fan freewheeling test for Fan 3.
3
Test Fan 4
R/W
Setting this bit to 1 enables the fan freewheeling test for Fan 4.
4
Test Fan 5
R/W
Setting this bit to 1 enables the fan freewheeling test for Fan 5.
5
Test Fan 6
R/W
Setting this bit to 1 enables the fan freewheeling test for Fan 6.
6
Test Fan 7
R/W
Setting this bit to 1 enables the fan freewheeling test for Fan 7.
7
Test Fan 8
R/W
Setting this bit to 1 enables the fan freewheeling test for Fan 8.
1. POR = 0x00, Lock = Y, SW Reset = Y.
Table 57. PWM Configuration Registers (Note 1)
Register Address
R/W
Description
Power−On Default
0x21
R/W
PWM1 Configuration Register
0x11
0x22
R/W
PWM2 Configuration Register
0x31
0x23
R/W
PWM3 Configuration Register
0x51
0x24
R/W
PWM4 Configuration Register
0x71
1. Lock = Y, SW Reset = Y.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com