Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 72 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 72 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 68Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 69Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 70Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 71Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 72Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 73Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 74Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 75Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 76Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 81 page
background image
ADT7462
http://onsemi.com
72
Table 68. Register 0x35 — Digital Mask Register (Note 1)
Bit
Name
R/W
Description
[2:0]
Reserved
R
Reserved for future use.
3
FAN2MAX
R/W
1 masks ALERTs for the corresponding interrupt status bit. Default = 1.
4
SCSI1
R/W
1 masks ALERTs for the corresponding interrupt status bit. Default = 1.
5
SCSI2
R/W
1 masks ALERTs for the corresponding interrupt status bit. Default = 1.
6
VID Comparison
R/W
1 masks ALERTs for the corresponding interrupt status bit. Default = 0.
7
Chassis Intrusion
R/W
1 masks ALERTs for the corresponding interrupt status bit. Default = 0.
1. POR = 0x38, Lock = N, SW Reset = Y.
Table 69. Register 0x36 — GPIO Mask Register (Note 1)
Bit
Name
R/W
Description
0
GPIO1
R/W
A 1 masks ALERTs for the corresponding interrupt status bit.
1
GPIO2
R/W
A 1 masks ALERTs for the corresponding interrupt status bit.
2
GPIO3
R/W
A 1 masks ALERTs for the corresponding interrupt status bit.
3
GPIO4
R/W
A 1 masks ALERTs for the corresponding interrupt status bit.
4
GPIO5
R/W
A 1 masks ALERTs for the corresponding interrupt status bit.
5
GPIO6
R/W
A 1 masks ALERTs for the corresponding interrupt status bit.
6
GPIO7
R/W
A 1 masks ALERTs for the corresponding interrupt status bit.
7
GPIO8
R/W
A 1 masks ALERTs for the corresponding interrupt status bit.
1. POR = 0x00, Lock = N, SW Reset = Y.
Table 70. Register 0x37 — EDO 1 Mask Register (Note 1)
Bit
Name
R/W
Description
0
GPIO1
R/W
A 1 masks GPIO1 from causing an EDO1 assertion.
1
GPIO2
R/W
A 1 masks GPIO2 from causing an EDO1 assertion.
2
GPIO3
R/W
A 1 masks GPIO3 from causing an EDO1 assertion.
3
GPIO4
R/W
A 1 masks GPIO4 from causing an EDO1 assertion.
4
Reserved
R/W
Unused.
5
Fan
R/W
A 1 masks a fan−fail condition from causing an EDO1 assertion.
6
Temp
R/W
A 1 masks a THERM condition from causing an EDO1 assertion.
7
Volt
R/W
A 1 masks a voltage exceed limit condition from causing an EDO1 assertion.
1. POR = 0x00, Lock = N, SW Reset = Y.
Table 71. Register 0x38 — EDO 2 Mask Register (Note 1)
Bit
Name
R/W
Description
0
GPIO1
R/W
A 1 masks GPIO1 from causing an EDO2 assertion.
1
GPIO2
R/W
A 1 masks GPIO2 from causing an EDO2 assertion.
2
GPIO3
R/W
A 1 masks GPIO3 from causing an EDO2 assertion.
3
GPIO4
R/W
A 1 masks GPIO4 from causing an EDO2 assertion.
4
Reserved
R/W
Unused.
5
Fan
R/W
A 1 masks a fan−fail condition from causing an EDO2 assertion.
6
Temp
R/W
A 1 masks a THERM condition from causing an EDO2 assertion.
7
Volt
R/W
A 1 masks a voltage exceed limit condition from causing an EDO2 assertion.
1. POR = 0x00, Lock = N, SW Reset = Y.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com