Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 75 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 75 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 71Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 72Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 73Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 74Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 75Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 76Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 77Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 78Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 79Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 81 page
background image
ADT7462
http://onsemi.com
75
Table 82. Register 0x60, Register 61, Register 62, Register 63 — Local, Remote 1, Remote 2, and Remote 3
TRANGE/Hysteresis
Bit
Name
R/W
Description
[3:0]
Hysteresis
R/W
These four bits set the hysteresis in the automatic fan speed control loop and in the dynamic
TMIN control loop, 1 LSB = 1°C.
0000 = 0°C
0001 = 1°C
0010 = 2°C
0011 = 3°C
0100 = 4°C (default)
0101 = 5°C
0110 = 6°C
0111 = 7°C
1000 = 8°C
1001 = 9°C
1010 = 10°C
1011 = 11°C
1100 = 12°C
1101 = 13°C
1110 = 14°C
1111 = 15°C
[7:4]
Range
R/W
These four bits set the TRANGE value, that is, the slope or rate of change of fan speed with
respect to temperature in the automatic fan speed control loop.
0000 = 2°C
0001 = 2.5°C
0010 = 3.3°C
0011 = 4°C
0100 = 5°C
0101 = 6.7°C
0110 = 8°C
0111 = 10°C
1000 = 13.3°C
1001 = 16°C
1010 = 20°C
1011 = 26.7°C
1100 = 32°C (default)
1101 = 40°C
1110 = 53.3°C
1111 = 80°C
Table 83. Register 0x64 — Operating Point Hysteresis (Note 1)
Bit
Name
R/W
Description
[3:0]
Reserved
R
Reserved for future use.
[7:4]
Operating Point
Hysteresis
R/W
These four bits set the operating point hysteresis for the dynamic TMIN control loop,
1 LSB = 1°C.
0000 = 0°C
0001 = 1°C
0010 = 2°C
0011 = 3°C
0100 = 4°C (default)
0101 = 5°C
0110 = 6°C
0111 = 7°C
1000 = 8°C
1001 = 9°C
1010 = 10°C
1011 = 11°C
1100 = 12°C
1101 = 13°C
1110 = 14°C
1111 = 15°C
1. POR = 0x40, Lock = Y, SW Reset = Y.
Table 84. Voltage Limit Registers (Note 1)
Register Address
R/W
Description
POR Default
0x68
R/W
+3.3V high limit.
0xFF
0x69
R/W
Pin 23 voltage high limit.
0xFF
0x6A
R/W
Pin 24 voltage high limit.
0xFF
0x6B
R/W
Pin 25 voltage high limit.
0xFF
0x6C
R/W
Pin 26 voltage high limit.
0xFF
0x6D
R/W
+12V1 voltage low limit.
0x00
0x6E
R/W
+12V2 voltage low limit.
0x00
0x6F
R/W
+12V3 voltage low limit.
0x00
0x70
R/W
+3.3V low limit.
0x00
0x71
R/W
+5V low limit.
0x00
0x72
R/W
Pin 23 voltage low limit.
0x20
0x73
R/W
Pin 24 voltage low limit.
0x00
0x74
R/W
Pin 25 voltage low limit.
0x00
0x75
R/W
Pin 26 voltage low limit.
0x80
0x76
R/W
+1.5V1 (ICH) voltage low limit.
0x00
0x77
R/W
+1.5V2 (3GIO) voltage low limit.
0x00
1. Lock = N, SW Reset = N.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com