Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 61 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 61 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 57Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 58Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 60Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 63Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 64Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 65Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 81 page
background image
ADT7462
http://onsemi.com
61
Table 34. Register 0x03 — Configuration Register 3 (Note 1)
Bit
Name
R/W
Description
0
GPIO_En
R/W
Setting this bit to 1 enables the GPIOs. Default = 0.
1
SCL_Timeout
R/W
1 = SCL timeout enabled. 0 = SCL timeout disabled = default.
2
SDA_Timeout
R/W
1 = SDA timeout enabled. 0 = SDA timeout disabled = default.
3
VID_Threshold
R/W
This bit sets the digital threshold for the VID digital inputs. 0 =default. 1 = low thresholds
selected = 0.65 V.
4
THERM_
Threshold
R/W
This bit sets the digital threshold for the THERM digital inputs. 0 =default. 1 = low thresholds
selected = 2/3 VCCP1 (Pin 23).
5
CI Reset
R/W
Setting this bit to 1 resets the chassis intrusion circuit. This bit clears itself. Default = 0.
6
XOR Tree
R/W
Setting this bit to 1 enables the XOR tree test. Default = 0.
7
V_Core_Low
R/W
Setting this bit to 1 enables V_core_low. Default = 0.
1. POR = 0x00, Lock = Y, SW Reset = Y.
Table 35. Register 0x07 — TACH Enable Register (Note 1)
Bit
Name
R/W
Description
0
TACH1
R/W
Setting this bit to 1 enables the TACH1 measurement. Default = 0.
1
TACH2
R/W
Setting this bit to 1 enables the TACH2 measurement. Default = 0.
2
TACH3
R/W
Setting this bit to 1 enables the TACH3 measurement. Default = 0.
3
TACH4
R/W
Setting this bit to 1 enables the TACH4 measurement. Default = 0.
4
TACH5
R/W
Setting this bit to 1 enables the TACH5 measurement. Default = 0.
5
TACH6
R/W
Setting this bit to 1 enables the TACH6 measurement. Default = 0.
6
TACH7
R/W
Setting this bit to 1 enables the TACH7 measurement. Default = 0.
7
TACH8
R/W
Setting this bit to 1 enables the TACH8 measurement. Default = 0.
1. POR = 0x00, Lock = Y, SW Reset = Y.
Table 36. Register 0x08 — TACH Configuration Register (Note 1)
Bit
Name
R/W
Description
0
DC 1/5
R/W
Setting this bit to 1 enables continuous measurements on TACH1 and TACH5 in low frequency
PWM mode. Continuous measurement means that pulse stretching is turned off and the PWM
output and TACH inputs are no longer synchronized. Default = 1.
1
DC 2/6
R/W
Setting this bit to 1 enables continuous measurements on TACH2 and TACH6 in low frequency
PWM mode. Continuous measurement means that pulse stretching is turned off and the PWM
output and TACH inputs are no longer synchronized. Default = 1.
2
DC 3/7
R/W
Setting this bit to 1 enables continuous measurements on TACH3 and TACH7 in low frequency
PWM mode. Continuous measurement means that pulse stretching is turned off and the PWM
output and TACH inputs are no longer synchronized. Default = 1.
3
DC 4/8
R/W
Setting this bit to 1 enables continuous measurements on TACH4 and TACH8 in low frequency
PWM mode. Continuous measurement means that pulse stretching is turned off and the PWM
output and TACH inputs are no longer synchronized. Default = 1.
[7:4]
Reserved
R
Reserved for future use.
1. POR = 0x0F, Lock = Y, SW Reset = Y.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com