Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 31 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 31 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 81 page
background image
ADT7462
http://onsemi.com
31
Fan Startup Timeout
To prevent false interrupts being generated as a fan spins
up (because it is below running speed), the ADT7462
includes a fan startup timeout function. During this time, the
ADT7462 looks for two TACH pulses. If two TACH pulses
are not detected, an interrupt is generated. Using
Configuration Register 1 (0x01), Bit 4, this functionality can
be changed to spinning the fans for a programmable time
instead of two TACH pulses.
The startup timeout for each PWM drive is programmed
by Bits [2:0] in the PWMx configuration registers.
PWM1 Configuration Register = Register 0x21
PWM2 Configuration Register = Register 0x22
PWM3 Configuration Register = Register 0x23
PWM4 Configuration Register = Register 0x24
Table 22. Fan Startup Timeout
Bit Code
Startup Timeout
000
No startup timeout
001
100 ms
010
250 ms
011
400 ms
100
667 ms
101
1 sec
110
2 sec
111
32 sec
PWM Logic State
The PWM outputs can be programmed high for 100%
duty cycle (non−inverted) or low for 100% duty cycle
(inverted). This is programmed for each PWM drive in the
PWMx Configuration Registers using the INV bit (Bit 4).
0 = Active high PWM outputs.
1 = Active low PWM outputs.
Low Frequency Mode PWM Drive Frequency
The PWM drive frequency can be adjusted for the
application. The ADT7462 supports both high frequency
and low frequency PWM. High or low frequency PWM
mode is selected in Register 0x02, Bit 2. In high frequency
mode, the PWM drive frequency is always 22.5 kHz and
cannot be changed. Register 0x25 and Register 0x26
configure the PWM frequency in low frequency mode for
PWM1 to PWM4.
PWM Drive Frequency 1 is set using Bits [4:2] of the PWM1
and PWM2 frequency register (0x25).
PWM Drive Frequency 2 is set using Bits [7:5] of the PWM1
and PWM2 frequency register (0x25).
PWM Drive Frequency 3 is set using Bits [4:2] of the PWM3
and PWM4 frequency register (0x26).
PWM Drive Frequency 4 is set using Bits [7:5] of the PWM3
and PWM4 frequency register (0x26).
Table 23. Low Frequency PWM Options
Bit Code
Frequency
000
11 Hz
001
14.7 Hz
010
22.1 Hz
011
29.4 Hz
100
35.3 Hz
101
44.1 Hz
110
58.8 Hz
111
88.2 Hz
Fan Speed Control
The ADT7462 controls fan speed using two different
modes: automatic and manual.
In automatic fan speed control mode, fan speed is
automatically varied with temperature and without CPU
intervention, after initial parameters are set up. The
advantage of this mode is that if the system hangs, the system
is protected from overheating. The automatic fan speed
control incorporates a feature called dynamic TMIN
calibration. This feature reduces the design effort required
to program the automatic fan speed control loop. For more
information on how to program the automatic fan speed
control loop and dynamic TMIN operation, see the
Programming the Automatic Fan Speed Control Loop
section.
In manual fan speed control mode, the ADT7462 allows
the duty cycle of any PWM output to be manually adjusted.
This is useful if the user wants to change fan speed in the
software or adjust PWM duty cycle output for test purposes.
Bits [7:5] of Register 0x21 to Register 0x24 (PWM
configuration registers) control the behavior of each PWM
output. Under manual control, each PWM output can be
manually updated by writing to Register 0xAA to Register
0xAD (PWM duty cycle registers).
Programming the PWM Current Duty Cycle Registers
The PWM current duty cycle registers are 8−bit registers
that allow the PWM duty cycle for each output to be set
anywhere from 0% to 100% in steps of 0.39%.
The value to be programmed into the PWMMIN register is
given by:
Value (decimal) = PWMMIN/0.39
Example 1: For a PWM duty cycle of 50%,
Value (decimal) = 50/0.39 = 128 decimal
Value = 128 decimal or 0x80
Example 2: For a PWM duty cycle of 33%,
Value (decimal) = 33/0.39 = 85 decimal
Value = 84 decimal or 0x54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com