Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 17 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 81 page
background image
ADT7462
http://onsemi.com
17
For the ADT7462, the send byte protocol is used to write
a register address to RAM for a subsequent single byte read
from the same address. This operation is shown in Figure 27.
Figure 27. Setting a Register Address for
Subsequent Read
SLAVE
ADDRESS
WA
SA P
REGISTER
ADDRESS
23
15 6
4
If it is required to read data from the register immediately
after setting up the address, the master can assert a repeat
start condition immediately after the final ACK and carry
out a single byte read without asserting an intermediate stop
condition.
Write Byte
In this operation, the master device sends a command byte
and one data byte to the slave device as follows:
1. The master device asserts a start condition on SDA.
2. The master sends the 7−bit slave address followed
by the write bit (low).
3. The addressed slave device asserts an ACK on SDA.
4. The master sends a command code.
5. The slave asserts an ACK on SDA.
6. The master sends a data byte.
7. The slave asserts an ACK on SDA.
8. The master asserts a stop condition on SDA to end
the transaction.
Figure 28. Single−Byte Write to a Register
SLAVE
ADDRESS W A
DATA
SA
A P
SLAVE
ADDRESS
23
15
6
7 8
4
Block Write
In this operation, the master device writes a block of data
to a slave device. The start address for a block write must be
set previously. In the case of the ADT7462, this is done by
a send byte operation to set a RAM address. The user writes
the number of registers to be written to in the block read
command to the #Bytes bits of the Configuration 0 register.
1. The master device asserts a start condition on SDA.
2. The master sends the 7−bit slave address followed
by the write bit (low).
3. The addressed slave device asserts an ACK on SDA.
4. The master sends a command code that tells the
slave device to expect a block write. The
ADT7462 command code for a block write is
0xA0 (1010 0000).
5. The slave asserts an ACK on SDA.
6. The master sends the data bytes (the number of
data bytes sent is written to the #Bytes bits of the
Configuration 0 register).
7. The slave asserts an ACK on SDA after each data
byte.
8. The master sends a packet error checking (PEC) byte.
9. The ADT7462 checks the PEC byte and issues an
ACK, if correct. If incorrect (NO ACK), the
master resends the data bytes.
10. The master asserts a stop condition on SDA to end
the transaction.
Figure 29. Block Write to ADT7462
SW A
A
ADATA 1 AA
AP
DATA 2 A DATA
32
PEC
SLAVE
ADDRESS
COMMAND
0xA0
BLOCK
WRITE
BYTE
COUNT
12
3
4
5
6
7
8
9
10 11 12
Read Operations
The ADT7462 uses the following SMBus read protocols.
Receive Byte
The receive byte is useful when repeatedly reading a
single register. The register address must be set up
previously. In this operation, the master device receives a
single byte from a slave device as follows:
1. The master device asserts a start condition on SDA.
2. The master sends the 7−bit slave address followed
by the read bit (high).
3. The addressed slave device asserts an ACK on SDA.
4. The master receives a data byte.
5. The master asserts a NO ACK on SDA.
6. The master asserts a stop condition on SDA to end
the transaction.
For the ADT7462, the receive byte protocol is used to read
a single byte of data from a register whose address has
previously been set by a send byte or write a byte operation.
Figure 30. Single−Byte Read from a Register
SLAVE
ADDRESS
DATA
A
R
SA P
24
3
15 6
Block Read
In this operation, the master device reads a block of data
from a slave device. The start address for a block read must
be set previously, as well as the number of bytes to be read
(maximum = 32). In the case of the ADT7462, the start
address is activated by a send byte operation to set a RAM
address. The number of bytes to be read should be written to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com