Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 56 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 56 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 55Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 56Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 57Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 58Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 60Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 81 page
background image
ADT7462
http://onsemi.com
56
Table 30. Register Map
Addr
Lock
able
SW
Reset
De−
fault
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
R/W
Description
0x50
Local
THERM2/
+1.5V1
(ICH) High
R/W
7
6
5
4
3
2
1
0
0xA4
No
Yes
0x51
Remote 1
THERM2
Limit
R/W
7
6
5
4
3
2
1
0
0xA4
No
Yes
0x52
Remote 2
THERM2
Limit
R/W
7
6
5
4
3
2
1
0
0xA4
No
Yes
0x53
Remote 3
THERM2
Limit
R/W
7
6
5
4
3
2
1
0
0xA4
No
Yes
0x54
Local/Re-
mote1
Temp Hyst
R/W
LH
LH
LH
LH
R1H
R1H
R1H
R1H
0x44
No
Yes
0x55
Remote 2/
Remote 3
Temp Hyst
R/W
R2H
R2H
R2H
R2H
R3H
R3H
R3H
R3H
0x44
No
Yes
0x56
Local Offset
R/W
7
6
5
4
3
2
1
0
0x00
No
Yes
0x57
Remote 1
Offset
R/W
7
6
5
4
3
2
1
0
0x00
No
Yes
0x58
Remote 2
Offset
R/W
7
6
5
4
3
2
1
0
0x00
No
Yes
0x59
Remote 3
Offset
R/W
7
6
5
4
3
2
1
0
0x00
No
Yes
0x5A
Remote 1
Operating
Point
R/W
7
6
5
4
3
2
1
0
0xA4
Yes
Yes
0x5B
Remote 2
Operating
Point
R/W
7
6
5
4
3
2
1
0
0xA4
Yes
Yes
0x5C
Local Temp
TMIN
R/W
7
6
5
4
3
2
1
0
0x9A
Yes
Yes
0x5D
Remote 1
Temp TMIN
R/W
7
6
5
4
3
2
1
0
0x9A
Yes
Yes
0x5E
Remote 2
Temp TMIN
R/W
7
6
5
4
3
2
1
0
0x9A
Yes
Yes
0x5F
Remote 3
Temp TMIN
R/W
7
6
5
4
3
2
1
0
0x9A
Yes
Yes
0x60
Local
TRANGE/
Hyst
R/W
Range
Range
Range
Range
Hys
Hys
Hys
Hys
0xC4
Yes
Yes
0x61
Remote 1
TRANGE/
Hyst
R/W
Range
Range
Range
Range
Hys
Hys
Hys
Hys
0xC4
Yes
Yes
0x62
Remote 2
TRANGE/
Hyst
R/W
Range
Range
Range
Range
Hys
Hys
Hys
Hys
0xC4
Yes
Yes
0x63
Remote 3
TRANGE/
Hyst
R/W
Range
Range
Range
Range
Hys
Hys
Hys
Hys
0xC4
Yes
Yes
0x64
Operating
Point Hyst
R/W
Hys
Hys
Hys
Hys
Res
Res
Res
Res
0x40
Yes
Yes
0x68
+3.3V
High Limit
R/W
7
6
5
4
3
2
1
0
0xFF
No
No
0x69
Pin 23
Voltage
High Limit
R/W
7
6
5
4
3
2
1
0
0xFF
No
No
0x6A
Pin 24
Voltage
High Limit
R/W
7
6
5
4
3
2
1
0
0xFF
No
No
0x6B
Pin 25
Voltage
High Limit
R/W
7
6
5
4
3
2
1
0
0xFF
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com