Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 69 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 69 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 65Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 66Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 67Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 68Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 69Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 70Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 71Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 72Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 73Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
ADT7462
http://onsemi.com
69
Table 58. Register 0x21, Register 0x22, Register 0x23, Register 0x24 — PWM1, PWM2, PWM3 and PWM4
Configuration Registers
Bit
Name
R/W
Description
[2:0]
Spin−Up
Timeout
R/W
These bits set the duration of the fan startup timeout and the timeout for the fan freewheeling
test.
000 = No startup timeout
001 = 100 ms
010 = 250 ms
011 = 400 ms
100 = 667 ms
101 = 1 sec
110 = 2 sec
111 = 32 sec
3
SLOW
R/W
Setting this bit to 1 makes the ramp rate of the enhance acoustics mode four times longer.
4
INV
R/W
Setting this bit to 0, the PWM outputs are active low. Setting this bit to 1, the PWM outputs are
active high (default).
[7:5]
BHVR
R/W
These bits determine which temperature channel controls the fans in the automatic fan speed
control loop.
000 = Local temperature
001 = Remote 1 temperature
010 = Remote 2 temperature
011 = Remote 3 temperature
100 = Off
101 = Maximum fan speed calculated by the local and Remote 3 temperature channels
110 = Maximum fan speed calculated by all four channels
111 = Manual mode
Table 59. Register 0x25 — PWM1, PWM2 Frequency (Note 1)
Bit
Name
R/W
Description
0
Min 1
R/W
When the ADT7462 is in automatic fan control mode, this bit defines whether PWM1 is off
(0% duty cycle) or at minimum PWM1 duty cycle when the controlling temperature is below its
TMIN − hysteresis value.
0 = 0% duty cycle below TMIN − hysteresis (default); 1 = minimum PWM1 duty cycle below
TMIN − hysteresis.
1
Min 2
R/W
When the ADT7462 is in automatic fan control mode, this bit defines whether PWM2 is off
(0% duty cycle) or at minimum PWM2 duty cycle when the controlling temperature is below its
TMIN − hysteresis value.
0 = 0% duty cycle below TMIN − hysteresis (default); 1 = minimum PWM2 duty cycle below
TMIN − hysteresis.
[4:2]
Low Freq 1
R/W
These bits set the frequency of PWM1 when configured in low frequency mode.
000 = 11 Hz
001 = 14.7 Hz
010 = 22.1 Hz
011 = 29.4 Hz
100 = 35.3 Hz (default)
101 = 44.1 Hz
110 = 58.8 Hz
111 = 88.2 Hz
[7:5]
Low Freq 2
R/W
These bits set the frequency of PWM2 when configured in low frequency mode.
000 = 11 Hz
001 = 14.7 Hz
010 = 22.1 Hz
011 = 29.4 Hz
100 = 35.3 Hz (default)
101 = 44.1 Hz
110 = 58.8 Hz
111 = 88.2 Hz
1. POR = 0x90, Lock = Y, SW Reset = Y.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com