Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 29 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 81 page
background image
ADT7462
http://onsemi.com
29
fans are in use, power is continuously applied and removed
from the fan, thereby chopping the TACH information. As
a result, every time a fan speed measurement is to be made,
the fan must be switched on for a long enough period of time
that a measurement can be made. This is called pulse
stretching. With 4−wire fans, power is always applied to the
fan, so fan speed measurements can be made continuously,
and there is no need for pulse stretching. Pulse stretching is
also not necessary when driving a 3−wire fan with a dc input.
The Fan Speed Measurement with Pulse Stretching section,
which describes how fan speed is measured both when pulse
stretching is required and when it is not.
Fan Speed Measurement Without Pulse Stretching
Fan speed is measured by the ADT7462, and the result is
stored in the fan TACH value registers. The fan counter does
not count the fan TACH output pulses directly because the
fan speed can be less than 1000 rpm, and it would take
several seconds to accumulate a reasonably large and
accurate count. Instead, the period of the fan revolution is
measured by gating an on−chip 90 kHz oscillator into the
input of a 16−bit counter for N periods of the fan TACH
output (see Figure 47), so the accumulated count is actually
proportional to the fan tachometer period and inversely
proportional to the fan speed.
Figure 47. Fan Speed Measurement
1
2
3
4
CLOCK
PWM
TACH
To enable continuous measurement for 3−wire fans, set
the corresponding dc bit for the TACH input in the TACH
configuration register. This bit is set automatically when the
HF PWM is in use with 4−wire fans.
Fan Speed Measurement with Pulse Stretching
The method for measuring fan speed for 3−wire fans
requiring pulse stretching is similar to the method described
in the Fan Speed Measurement without Pulse Stretching
section for continuous measurements. The main difference
is that the PWM drive must be synchronized to the TACH
input so that the ADT7462 knows that pulse stretching is
taking place while the TACH is being measured.
PWM1 is synchronized with TACH1 and TACH2.
PWM2 is synchronized with TACH3 and TACH4.
PWM3 is synchronized with TACH5 and TACH6.
PWM4 is synchronized with TACH7 and TACH8.
Driving and Measuring the Speed of Two Fans from
One PWM Output
When pulse stretching is enabled, the ADT7462 measures
fan speed once a second. The counter then counts up from
the first to the third TACH pulse; this value is stored in the
TACH value register. The PWM drive returns to its previous
programmed value. Each TACH input is synchronized to a
particular PWM output. The PWM and TACH pins must be
connected as shown in Figure 48 to ensure that pulse
stretching is synchronized between the PWM output and the
TACH inputs, and an accurate fan speed measurement is
made on each fan.
Figure 48. Synchronizing Fan PWM Output and
TACH Inputs
PWM1
PWM2
PWM3
PWM4
FAN 1
FAN 2
FAN 3
FAN 4
TACH1
TACH2
TACH3
TACH4
FAN 5
FAN 6
FAN 7
FAN 8
TACH5
TACH6
TACH7
TACH8
Driving and Measuring the Speed of One Fan from
One PWM Output
If four single fans are being controlled and measured by
the ADT7462, the following configuration should be used.
This applies only to 3−wire fans controlled using low
frequency PWM with pulse stretching enabled.
Fan 1 is driven by PWM1 and measured using TACH1.
Fan 2 is driven by PWM2 and measured using TACH3.
Fan 3 is driven by PWM3 and measured using TACH5.
Fan 4 is driven by PWM4 and measured using TACH7.
Figure 49. Driving and Measuring the Speed on a
Single Fan
PWM1
PWM2
PWM3
PWM4
FAN 1
FAN 2
TACH1
TACH3
FAN 3
FAN 4
TACH5
TACH7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com