Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 36 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 36 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 40Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 81 page
background image
ADT7462
http://onsemi.com
36
Programming the PWMMIN Registers
The PWMMIN registers are 8−bit registers that allow the
minimum PWM duty cycle for each output to be configured
anywhere from 0% to 100%. This allows the minimum
PWM duty cycle to be set in steps of 0.39%.
The value to be programmed into the PWMMIN register is
given by:
Value (decimal) = PWMMIN /0.39
Example 1: For a minimum PWM duty cycle of 50%,
Value (decimal) = 50/0.39 = 128 (decimal)
Value = 128 (decimal) or 0x80 (hexadecimal)
Example 2: For a minimum PWM duty cycle of 33%,
Value (decimal) = 33/0.39 = 85 (decimal)
Value = 85 (decimal) or 0x54 (hexadecimal)
PWMMIN Registers
Register 0x28, Minimum PWM1 Duty Cycle = 0x80
(50% default)
Register 0x29, Minimum PWM2 Duty Cycle = 0x80
(50% default)
Register 0x2A, Minimum PWM3 Duty Cycle = 0x80
(50% default)
Register 0x2B, Minimum PWM4 Duty Cycle = 0x80
(50% default)
Note on Fan Speed and PWM Duty Cycle
The PWM duty cycle does not directly correlate to fan
speed in rpm. Running a fan at 33% PWM duty cycle does
not equate to running the fan at 33% speed. Driving a fan at
33% PWM duty cycle actually runs the fan at closer to 50%
of its full speed. This is because fan speed in % rpm
generally relates to the square root of PWM duty cycle.
Given a PWM square wave as the drive signal, fan speed in
rpm approximates to:
% fanspeed + PWM duty cycle
10
Step 4—PWMMAX for PWM (Fan) Outputs
PWMMAX is the maximum duty cycle that each fan in the
system runs at under the automatic fan speed control loop.
For maximum system acoustic benefit, PWMMAX should be
as low as possible but should be capable of maintaining the
processor temperature limit at an acceptable level. If the
THERM temperature limit is exceeded, the fans are still
boosted to 100% for fail−safe cooling.
There is one PWMMAX limit (Register 0x2C) for all fan
channels.
Figure 56. PWMMAX Determines Maximum PWM Duty
Cycle Below the THERM Temperature Limit
TEMPERATURE
TMIN
100%
PWMMIN
0%
PWMMAX
Programming the PWMMAX Register
The PWMMAX register (0x2C) is an 8−bit register that
allows the maximum PWM duty cycle for the outputs to be
configured anywhere from 0% to 100%. This allows the
maximum PWM duty cycle to be set in steps of 0.39%.
The value to be programmed into the PWMMAX register
is given by:
Value (decimal) = PWMMAX/0.39
Example 1: For a maximum PWM duty cycle of 50%,
Value (decimal) = 50/0.39 = 128 (decimal)
Value = 128 (decimal) or 0x80 (hexadecimal)
Example 2: For a maximum PWM duty cycle of 75%,
Value (decimal) = 75/0.39 = 192 (decimal)
Value = 192 (decimal) or 0xC0 (hexadecimal)
PWMMAX Register
Register 0x2C, Maximum PWM1 to PWM4 Duty Cycle =
0xC0 (75% default)
See the Note on Fan Speed and PWM Duty Cycle section
for more information.
Step 5—TRANGE for Temperature Channels
TRANGE is the range of temperatures over which
automatic fan control occurs when the programmed TMIN
temperature is exceeded. TRANGE is a temperature slope, not
an arbitrary value; that is, a TRANGE of 40°C holds true only
for PWMMIN = 33%. If PWMMIN is increased or decreased,
the effective TRANGE changes.
Figure 57. TRANGE Parameter Affects Cooling Slope
TEMPERATURE
TMIN
100%
PWMMIN
0%
TRANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com