Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 37 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 37 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 81 page
background image
ADT7462
http://onsemi.com
37
The TRANGE or fan control slope is determined by the
following procedure:
1. Determine the maximum operating temperature for
that channel (for example, 70
°C).
2. Determine experimentally the fan speed (PWM
duty cycle value) that does not exceed the
temperature at the worst−case operating points.
(For example, 70
°C is reached when the fans are
running at 50% PWM duty cycle.)
3. Determine the slope of the required control loop to
meet these requirements.
4. Using the ADT7462 evaluation software, this
functionality can be graphically programmed and
visualized.
Figure 58. Adjusting PWMMIN Affects TRANGE
TMIN
100%
33%
0%
50%
305C
405C
TRANGE is implemented as a slope, which means that as
PWMMIN is changed, TRANGE changes, but the actual slope
remains the same. The higher the PWMMIN value, the
smaller the effective TRANGE; that is, the fan reaches full
speed (100%) at a lower temperature.
Figure 59. Increasing PWMMIN Changes Effective
TRANGE
TMIN
100%
33%
0%
50%
305C
405C
455C
545C
10%
25%
For a given TRANGE value, the temperature at which the
fan runs at full speed for different PWMMIN values can be
easily calculated by:
TMAX = TMIN + (Max DC − Min DC) × TRANGE/170
where:
TMAX is the temperature at which the fan runs full speed.
TMIN is the temperature at which the fan turns on.
Max DC is the maximum duty cycle (100%) = 255 decimal.
Min DC is equal to PWMMIN.
TRANGE is the PWM duty cycle vs. temperature slope.
Example 1
Calculate TMAX, given that TMIN = 30°C, TRANGE = 40°C,
and PWMMIN = 10% duty cycle = 26 (decimal).
TMAX = TMIN + (Max DC − Min DC) × TRANGE/170
TMAX = 30°C + (100% − 10%) × 40°C/170
TMAX = 30°C + (255 − 26) × 40°C/170
TMAX = 84°C (effective TRANGE = 54°C)
Example 2
Calculate TMAX, given that TMIN = 30°C, TRANGE = 40°C,
and PWMMIN = 25% duty cycle = 64 (decimal).
TMAX = TMIN + (Max DC − Min DC) × TRANGE/170
TMAX = 30°C + (100% − 25%) × 40°C/170
TMAX = 30°C + (255 − 64) × 40°C/170
TMAX = 75°C (effective TRANGE = 45°C)
Example 3
Calculate TMAX, given that TMIN = 30°C, TRANGE = 40°C,
and PWMMIN = 33% duty cycle = 85 (decimal).
TMAX = TMIN + (Max DC − Min DC) × TRANGE/170
TMAX = 30°C + (100% − 33%) × 40°C/170
TMAX = 30°C + (255 − 85) × 40°C/170
TMAX = 70°C (effective TRANGE = 40°C)
Example 4
Calculate TMAX, given that TMIN = 30°C, TRANGE = 40°C,
and PWMMIN = 50% duty cycle = 128 (decimal).
TMAX = TMIN + (Max DC − Min DC) × TRANGE/170
TMAX = 30°C + (100% − 50%) × 40°C/170
TMAX = 30°C + (255 − 128) × 40°C/170
TMAX = 60°C (effective TRANGE = 30°C)
Selecting a TRANGE Slope
The TRANGE value can be selected for each temperature
channel: local, Remote 1, Remote 2, and Remote 3. Bits
[7:4] (RANGE) of Register 0x60 to Register 0x63 define the
TRANGE value for each temperature channel (see Table 81
and Table 82).
Summary of TRANGE Function
When using the automatic fan control function, the
temperature at which the fan reaches full speed can be
calculated by:
TMAX + TMIN ) TRANGE
(eq. 6)
Equation 6 holds true only when PWMMIN is equal to 33%
PWM duty cycle.
Increasing or decreasing PWMMIN changes the effective
TRANGE, although the fan control still follows the same
PWM duty cycle to temperature slope. The effective



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com