Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 67 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 67 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 63Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 64Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 65Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 66Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 67Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 68Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 69Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 70Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 71Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 81 page
background image
ADT7462
http://onsemi.com
67
Table 51. Register 0x19 — Voltage Attenuator Configuration 2 (Note 1)
Bit
Name
R/W
Description
0
Attenuator Pin 23
R/W
Setting this bit to 0 removes the attenuators for Pin 23. Default = 1 = attenuators enabled.
1
Attenuator Pin 24
R/W
Setting this bit to 0 removes the attenuators for Pin 24. Default = 1 = attenuators enabled.
2
Attenuator Pin 25
R/W
Setting this bit to 0 removes the attenuators for Pin 25. Default = 1 = attenuators enabled.
3
Reserved
R/W
Reserved for future use. Default = 0.
4
Attenuator Pin 28
R/W
Setting this bit to 0 removes the attenuators for Pin 28. Default = 1 = attenuators enabled.
5
Attenuator Pin 29
R/W
Setting this bit to 0 removes the attenuators for Pin 29. Default = 1 = attenuators enabled.
[7:6]
Reserved
R/W
Reserved for future use. Default = 00.
1. POR = 0x37, Lock = Y, SW Reset = Y.
Table 52. Register 0x1A — Enhanced Acoustics Register 1
Bit
Mnemonic
R/W
Description
0
En1
R/W
Setting this bit to 1 enables the enhanced acoustics mode for PWM1; 0 disables it. Default = 0.
1
En2
R/W
Setting this bit to 1 enables the enhanced acoustics mode for PWM2; 0 disables it. Default = 0.
[4:2]
Ramp Rate 1
R/W
These bits set the ramp rate for the enhanced acoustics mode for PWM1. Default = 000.
Time Slot Increase
000 = 1
001 = 2
010 = 3
011 = 5
100 = 8
101 = 12
110 = 24
111 = 48
Time for 33% to 100%
35 sec
17.6 sec
11.8 sec
7.0 sec
4.4 sec
3.0 sec
1.6 sec
0.8 sec
[7:5]
Ramp Rate 2
R/W
These bits set the ramp rate for the enhanced acoustics mode for PWM2. Default = 000.
Time Slot Increase
000 = 1
001 = 2
010 = 3
011 = 5
100 = 8
101 = 12
110 = 24
111 = 48
Time for 33% to 100%
35 sec
17.6 sec
11.8 sec
7.0 sec
4.4 sec
3.0 sec
1.6 sec
0.8 sec
1. POR = 0x00, Lock = Y, SW Reset = Y.
Table 53. Register 0x1B — Enhanced Acoustics Register 2
Bit
Mnemonic
R/W
Description
0
En3
R/W
Setting this bit to 1 enables the enhanced acoustics mode for PWM3; 0 disables it. Default = 0.
1
En4
R/W
Setting this bit to 1 enables the enhanced acoustics mode for PWM4; 0 disables it. Default = 0.
[4:2]
Ramp Rate 3
R/W
These bits set the ramp rate for the enhanced acoustics mode for PWM3. Default = 000.
Time Slot Increase
000 = 1
001 = 2
010 = 3
011 = 5
100 = 8
101 = 12
110 = 24
111 = 48
Time for 33% to 100%
37.5 sec
18.8 sec
12.5 sec
7.5 sec
4.7 sec
3.1 sec
1.6 sec
0.8 sec
[7:5]
Ramp Rate 4
R/W
These bits set the ramp rate for the enhanced acoustics mode for PWM4. Default = 000.
Time Slot Increase
000 = 1
001 = 2
010 = 3
011 = 5
100 = 8
101 = 12
110 = 24
111 = 48
Time for 33% to 100%
35 sec
17.6 sec
11.8 sec
7.0 sec
4.4 sec
3.0 sec
1.6 sec
0.8 sec
1. POR = 0x00, Lock = Y, SW Reset = Y.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com