Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 1 Page - ON Semiconductor

  ADT7462ACPZ-R7 Datasheet HTML 1Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 2Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
© Semiconductor Components Industries, LLC, 2010
January, 2010 − Rev. 3
1
Publication Order Number:
ADT7462/D
ADT7462
Flexible Temperature,
Voltage Monitor, and
System Fan Controller
The ADT7462 is a flexible systems monitor IC, suitable for use in a
wide variety of applications. It can monitor temperature in up to three
remote locations, as well as its ambient temperature.
There are up to four PWM outputs. These can be used to control the
speed of a cooling fan by varying the % duty cycle of the PWM drive
signal applied to the fan. The ADT7462 supports high frequency
PWM for 4−wire fans and low frequency PWM for 2−wire and 3−wire
fans. Up to eight TACH inputs can be used to measure the speed of
3−wire and 4−wire fans. There are up to 13 voltage monitoring inputs,
ranging from 12 V to 0.9 V.
The ADT7462 is fully compatible with SMBus 1.1 and SMBus 1.0.
The ADT7462 also includes a THERM I/O and a RESET I/O.
The ADT7462 is available in a 32−lead LFCSP_VQ. Many of the
pins are multi−functional. Five easy configuration options can be set
up using the easy configuration register. Users choose the
configuration closest to their requirements; individual pins can be
reconfigured after the easy configuration option has been chosen.
Features
• One Local and Up to Three Remote Temperature Channels Series
Resistance Cancellation On Remote Channels
• Thermal Protection Using THERM Pins
• Up to Four PWM Fan Drive Outputs Supports Both High and
Low Frequency PWM Drives
• Up to Eight TACH Inputs Measures the Speed of 3−Wire and
4−Wire Fans
• Automatic Fan Speed Control Loop Includes Dynamic TMIN Control
• Monitors Up to 13 V Inputs
• Monitors Up to 7 VID Inputs; Includes On−The−Fly (OTF)
VID Support
• Bidirectional Reset
• Chassis Intrusion Detect
• SMBus 1.1 and SMBus 1.0 Compatible
• 3.3 V and 5.0 V Operation
• Extended Operating Range from −40°C to +125°C
• Space−Saving 32−Lead Chip Scale Package
Applications
• Servers and Personal Computers
• Telecommunications Equipment
• Test Equipment and Measurement Instruments
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 80 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
PIN ASSIGNMENT
XX
= Device Code
#
= Pb−Free Package
YYWW = Date Code
AL
= Assembly Lot
CC
= Country Code
ADT
7462ACPZ
#YYWW
AL
CCCCC
LFCSP−32
CASE 932
PIN 1
INDICATOR
1
VID0/GPIO1/TACH1
2
VID1/GPIO2/TACH2
3
VID2/GPIO3/TACH3
4
VID3/GPIO4/TACH4
5
V CC
6
GND
7
TACH5/+12V1
8
TACH6/+12V2
24
V CCP2/
23
V CCP1/
22
TACH8/+12V3
21
TACH7/+5V
20
D3–/SCSI_TERM2
19
D3+/+1.25V/+0.9V
18
D2–
17
D2+
ADT7462
+1.5V/+1.8V/+2.5V
+1.5V/+1.8V/+2.5V


Similar Part No. - ADT7462ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7462ACPZ-REEL AD-ADT7462ACPZ-REEL Datasheet
1Mb / 92P
Flexible Temperature and Voltage Monitor and System Fan Controller
1/06-Revision 0
logo
ON Semiconductor
ADT7462ACPZ-REEL ONSEMI-ADT7462ACPZ-REEL Datasheet
630Kb / 82P
Flexible Temperature, Voltage Monitor System Fan Controller
January, 2016 ??Rev. 5
logo
Analog Devices
ADT7462ACPZ-REEL7 AD-ADT7462ACPZ-REEL7 Datasheet
1Mb / 92P
Flexible Temperature and Voltage Monitor and System Fan Controller
1/06-Revision 0
More results

Similar Description - ADT7462ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
Intelligent Temperature Monitor and PWM Fan Controller
REV.0
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
Intelligent Temperature Monitor and Dual PWM Fan Controller
REV.0
ADT7462 AD-ADT7462 Datasheet
1Mb / 92P
Flexible Temperature and Voltage Monitor and System Fan Controller
1/06-Revision 0
logo
Texas Instruments
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
Intelligent Temperature Monitor and PWM Fan Controller
logo
ON Semiconductor
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Texas Instruments
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
LMP92001 TI1-LMP92001 Datasheet
1Mb / 35P
Analog System Monitor and Controller
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
Intelligent Temperature Monitor and PWM Fan Controller
logo
ON Semiconductor
ADT7462 ONSEMI-ADT7462_16 Datasheet
630Kb / 82P
Flexible Temperature, Voltage Monitor System Fan Controller
January, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com