Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 20 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 81 page
background image
ADT7462
http://onsemi.com
20
When reading the full temperature value, the LSB should
be read first and then the MSB. Reading the LSBs causes the
current MSBs to be frozen until they are read. Reading the
MSBs only does not cause any register to be locked. This is
useful when a temperature reading with 1
°C resolution is
required.
Series Resistance Cancellation
Parasitic resistance in series with the remote diode D+ and
D− inputs can be caused by a variety of factors, including
PCB track resistance and track length. This series resistance
appears as a temperature offset in the remote sensor’s
temperature measurement. This error typically causes a
0.8
°C offset per ohm of parasitic resistance in series with the
remote diode.
The ADT7462 automatically cancels out the effect of this
series resistance on the temperature reading, giving a more
accurate result, without the need for user characterization of
this resistance. The ADT7462 is designed to automatically
cancel typically up to 2 k
W of resistance. By using an
advanced temperature measurement method, the process is
transparent to the user. This feature also allows an RCR filter
to be added to the sensor path, allowing the part to be used
accurately in noisy environments.
Temperature Limits
Each temperature measurement channel has a high and
low temperature limit associated with it. The temperature
measurements are compared with these limits, and the
results of these comparisons are stored in status registers. A
Logic 0 indicates an in−limit comparison, and a Logic 1
indicates an out−of−limit comparison. The ADT7462 can
generate an ALERT, if configured to do so, after a status bit
is set. For more information on the status registers and
ALERT, see the Status and Mask Registers ALERT section.
Each temperature channel also has a THERM1 and a
THERM2 temperature limit associated with it. When these
temperature limits are exceeded, the corresponding
THERM pin is asserted low (if THERM is configured as an
output), and the fans are boosted to full speed (if the boost
bit is set). Table 10 shows a complete list of all the
temperature limits and their default values.
Table 10. Temperature Limit Registers
Temperature Value
Register
Address
Default
Local Low Temperature Limit
0x44
0x40
Remote 1 Low Temperature Limit
0x45
0x40
Remote 2 Low Temperature Limit
0x46
0x40
Remote 3 Low Temperature Limit
0x47
0x40
Local High Temperature Limit
0x48
0x95
Remote 1 High Temperature Limit
0x49
0x95
Remote 2 High Temperature Limit
0x4A
0x95
Remote 3 High Temperature Limit
0x4B
0x95
Local THERM1 Temperature Limit
0x4C
0xA4
Remote 1 THERM1 Temperature Limit
0x4D
0xA4
Remote 2 THERM1 Temperature Limit
0x4E
0xA4
Remote 3 THERM1 Temperature Limit
0x4F
0xA4
Local THERM2 Temperature Limit
0x50
0xA4
Remote 1 THERM2 Temperature Limit
0x51
0xA4
Remote 2 THERM2 Temperature Limit
0x52
0xA4
Remote 3 THERM2 Temperature Limit
0x53
0xA4
Offset Registers
The ADT7462 has temperature offset registers at Register
0x56 to Register 0x59 for the local, Remote 1, Remote 2, and
Remote 3 temperature channels. By doing a one−time
calibration of the system, the user can determine the offset
caused by system board noise and cancel it using the offset
registers. The offset registers automatically add a twos
complement, 8−bit
reading to every temperature
measurement. The LSBs add 0.5
°C offset to the temperature
reading so the 8−bit register effectively allows temperature
offsets of up to
±64°C with a resolution of 0.5°C. This ensures
that the readings in the temperature measurement registers are
as accurate as possible.
Temperature Offset Registers
Register 0x56 Local Temperature Offset = 0x00 (00
°C default)
Register 0x57 Remote 1 Temperature Offset = 0x00
(0
°C default)
Register 0x58 Remote 2 Temperature Offset = 0x00
(0
°C default)
Register 0x59 Remote 3 Temperature Offset = 0x00
(0
°C default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com